Electronic Components Datasheet Search
  English  ▼

X  

LMP8358 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8358
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8358 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LMP8358 Datasheet HTML 19Page - National Semiconductor (TI) LMP8358 Datasheet HTML 20Page - National Semiconductor (TI) LMP8358 Datasheet HTML 21Page - National Semiconductor (TI) LMP8358 Datasheet HTML 22Page - National Semiconductor (TI) LMP8358 Datasheet HTML 23Page - National Semiconductor (TI) LMP8358 Datasheet HTML 24Page - National Semiconductor (TI) LMP8358 Datasheet HTML 25Page - National Semiconductor (TI) LMP8358 Datasheet HTML 26Page - National Semiconductor (TI) LMP8358 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Frequency Compensation (Serial)
The gain-bandwidth compensation is set to one of five levels
under program control. The amount of compensation can be
decreased to maximize the available bandwidth as the gain
of the amplifier is increased. The compensation level is se-
lected by setting bits COMP[2:0] of the control register with
000b, 001b, 010b, 011b, or 1xxb. Table 8. Frequency Com-
pensation (Register bits 5:3) shows the bandwidths achieved
at the selectable gain and compensation settings. Note that
for gains 10X and 20X, the recommended compensation set-
ting is 000b. For the gain setting 50X, compensation settings
may be 000b and 001b. Gain settings 100X and 200X may
use the three bandwidth compensation settings 000b, 001b,
and 010b. At gains of 500X and 1000X, all bandwidth com-
pensation ranges may be used. Note that for lower gains, it is
possible to under compensate the amplifier into instability.
Table 8. Frequency Compensation (Register bits 5:3)
Bandwidth
Gain\COMP [2:0]
000
001
010
011
1xx
10
930 kHz
n/a
n/a
n/a
74 kHz
20
385 kHz
n/a
n/a
n/a
37 kHz
50
160 kHz
460 kHz
n/a
n/a
16 kHz
100
80 kHz
225 kHz
640 kHz
n/a
8 kHz
200
38 kHz
95 kHz
195 kHz
n/a
4 kHz
500
16 kHz
40 kHz
85 kHz
130 kHz
1.5 kHz
1000
8 kHz
22 kHz
50 kHz
89 kHz
0.8 kHz
User Defined Gain
GBW Product
> 10x
8 MHz
> 30x
24 MHz
> 100x
80 MHz
> 300x
240 MHz
> 1x
0.8 MHz
(For external filter cap)
Input Multiplexer and Polarity Switch (Serial)
The Input Multiplexer Selection bits MUX[1:0] and Polarity bit
POL can be used to set the inputs of the LMP8358 to the
states shown in Table 9. Input Multiplexer and Polarity (Reg-
ister bits 8:6).
Table 9. Input Multiplexer and Polarity (Register bits 8:6)
MUX1
MUX0
Diff Input for POL = 0
Diff Input for POL = 1
0
0
0
1
1
0
1
1
Polarity Reversal
When MUX[1:0] = 00b and POL = 0b the LMP8358 has the
input of a normal instrumentation amplifier. The input for the
LMP8358 is defined as Gain × (V
+IN − V−IN). When POL = 1b,
the input for the LMP8358 is defined as Gain × (V
−IN – V+IN).
Polarity reversal can be used to do system level calibration,
for example, to compensate for thermocouple voltages, resid-
ual offset of the LMP8358, or offsets of the sensor or ADC.
Short Inputs
When MUX[1:0] = 01b and POL = 0b both inputs are con-
nected to the +IN pin of the LMP8358. The –IN pin is left
23
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com