Electronic Components Datasheet Search
  English  ▼

X  

LMP8358 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8358
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8358 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LMP8358 Datasheet HTML 18Page - National Semiconductor (TI) LMP8358 Datasheet HTML 19Page - National Semiconductor (TI) LMP8358 Datasheet HTML 20Page - National Semiconductor (TI) LMP8358 Datasheet HTML 21Page - National Semiconductor (TI) LMP8358 Datasheet HTML 22Page - National Semiconductor (TI) LMP8358 Datasheet HTML 23Page - National Semiconductor (TI) LMP8358 Datasheet HTML 24Page - National Semiconductor (TI) LMP8358 Datasheet HTML 25Page - National Semiconductor (TI) LMP8358 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
The following two examples show how the registers are writ-
ten in the Daisy Chain Configuration.
Tabel 5. If all three LMP8358s need a gain of 100 with a compensation level of 010. (0000 0000 0001 0011)
Register of LMP8358 #1 Register of LMP8358 #2 Register of LMP8358 #3 Notes
Power on
0000 0000 0000 0000
0000 0000 0000 0000
0000 0000 0000 0000
Default power on state
After first two bytes are
sent
0000 0000 0001 0011
0000 0000 0000 0000
0000 0000 0000 0000
The data in the register of
LMP8358 #1 is shifted
into the register of
LMP8358 #2, the data in
the register of LMP8358
#2 is shifted into the
register of LMP8358 #3.
After second two bytes
are sent
0000 0000 0001 0011
0000 0000 0001 0011
0000 0000 0000 0000
After third two bytes
are sent
0000 0000 0001 0011
0000 0000 0001 0011
0000 0000 0001 0011
Table 6. If LMP8358 #1 needs a gain of 20 (0000 0000 0000 0001), LMP8358 #2 needs a gain of 1000 with a compensation
level of 011 (0000 0000 0001 1110), and LMP8358 #3 needs a gain of 100 with a compenstation level of 010 (0000 0000 0001
0011).
Register of LMP8358 #1 Register of LMP8358 #2 Register of LMP8358 #3 Notes
Power on
0000 0000 0000 0000
0000 0000 0000 0000
0000 0000 0000 0000
Default power on state
After first two bytes are
sent
0000 0000 0001 0011
0000 0000 0000 0000
0000 0000 0000 0000
The data in the register of
LMP8358 #1 is shifted
into the register of
LMP8358 #2, the data in
the register of LMP8358
#2 is shifted into the
register of LMP8358 #3
After second two bytes
are sent
0000 0000 0001 1110
0000 0000 0001 0011
0000 0000 0000 0000
After third two bytes
are sent
0000 0000 0000 0001
0000 0000 0001 1110
0000 0000 0001 0011
LMP8358 SETTINGS
Gain (Serial, Parallel)
When the LMP8358 is in Parallel Mode the gain can be set
by applying a high or low level to pins 12 (G2), 13 (G1), and
14 (G0), as shown in Table 2. Pin Levels for Setting Gain,
Parallel Mode. The Frequency Compensation bits are auto-
matically set as shown in Table 2. Pin Levels for Setting Gain,
Parallel Mode to optimize the bandwidth. In Serial Mode the
gain is determined by setting G[2:0] as shown in Table 7. Gain
Setting (Register bits 2:0) and the bandwidth can be changed
using the Frequency Compensation bits in the register.
Table 7. Gain Setting (Register bits 2:0)
G2
G1
G0
Gain Setting
0
0
0
10x (power-up default)
0
0
1
20x
0
1
0
50x
0
1
1
100x
1
0
0
200x
1
0
1
500x
1
1
0
1000x
1
1
1
User Defined
When G[2:0] = 000b to 110b switch S1 is closed and switch
S2 is open as shown in the Block Diagram.
When G[2:0] = 111b in either serial or parallel mode switch
S1 is open and S2 is closed and the LMP8358 gain is set by
external resistors as shown in Figure 6. The gain is:
GAIN = 1 + (Z1/Z2)
When the gain is set by external resistors and COMP[2:0] =
1xxb, a capacitor can be used to implement a noise reduction
low pass filter. See the Filter and External Filter Capacitor
(Serial) section. R1and C
FILTER are placed between the OUT
and FB pins. R2 is placed between the FB and REFS pins.
300454a6
FIGURE 6. External Gain Set Resistors and Filter
Capacitor
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com