Electronic Components Datasheet Search
  English  ▼

X  

LMP8358 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8358
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8358 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LMP8358 Datasheet HTML 24Page - National Semiconductor (TI) LMP8358 Datasheet HTML 25Page - National Semiconductor (TI) LMP8358 Datasheet HTML 26Page - National Semiconductor (TI) LMP8358 Datasheet HTML 27Page - National Semiconductor (TI) LMP8358 Datasheet HTML 28Page - National Semiconductor (TI) LMP8358 Datasheet HTML 29Page - National Semiconductor (TI) LMP8358 Datasheet HTML 30Page - National Semiconductor (TI) LMP8358 Datasheet HTML 31Page - National Semiconductor (TI) LMP8358 Datasheet HTML 32Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Fault Detection Example
Using the fault detection features of the LMP8358 an end
product, such as a scale, can periodically test that no damage
has occurred to the system. A routine can be written that
could, for example, run on start up, that will step through the
fault detection features shown above and compare the output
voltage to a table like that shown in Table 16. Fault Detection
Matrix. If the circuit shown in Figure 7 is used the values
shown in column 2 of Table 16. Fault Detection Matrix would
show that the system is working correctly, the values in the
columns under the Possible Faults heading would show that
there is a potential problem and that operator attention is
needed.
Table 16. Fault Detection Matrix
No Faults
Possible Faults
LMP8358
Register
V
OUT
V
OUT
Possible Cause
V
OUT
Possible Cause
V
OUT
Possible Cause
00 82x
2.5V
V
OUT < CMVR or
V
OUT > CMVR
Input is out of
CMVR
V+
+IN shorted to V+ 0V
+IN shorted to
GND
00 C2x
2.5V
V
OUT < CMVR or
V
OUT > CMVR
Input is out of
CMVR
V+
−IN shorted to V+ 0V
−IN shorted to
GND
50 00x
0.61V
V+
+IN Open
0.07V
Inputs shorted
50 03x
4.97V
V+
−IN
0.7V
Inputs shorted
50 82x
2.55V
2.65V*
Degraded +IN
line
58 C2x
2.55V
2.55V*
Degraded +IN
line
50 82x
2.55V
2.55V*
Degraded −IN
line
58 C2x
2.55V
2.65V*
Degraded −IN
line
* The values shown for a degraded input line will vary de-
pending on the resistance in the line. This table uses the value
in Figure 12 and Figure 13, 1k
Ω.
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com