Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54521 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54521 Datasheet HTML 1Page - Texas Instruments TPS54521 Datasheet HTML 2Page - Texas Instruments TPS54521 Datasheet HTML 3Page - Texas Instruments TPS54521 Datasheet HTML 4Page - Texas Instruments TPS54521 Datasheet HTML 5Page - Texas Instruments TPS54521 Datasheet HTML 6Page - Texas Instruments TPS54521 Datasheet HTML 7Page - Texas Instruments TPS54521 Datasheet HTML 8Page - Texas Instruments TPS54521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
70
75
80
85
90
95
100
1
2
3
4
5
Load Current - A
50
55
60
65
0
VIN = 12 V
Fsw = 500 kHz
VOUT = 5 V
VOUT = 3.3 V
VOUT = 1.8 V
VOUT = 1.2 V
PH
PVIN
GND
BOOT
VSENSE
COMP
TPS54521
EN
RT/CLK
SS/TR
Exposed Thermal PAD
Css
Rrt
R3
C1
Cboot
Co
Lo
R1
R2
Cin
C2
VIN
VIN
VOUT
PWRGD
TPS54521
www.ti.com
SLVS981 – JUNE 2010
4.5V to 17V Input, 5A Synchronous Step Down SWIFT™ Converter
Check for Samples: TPS54521
1
FEATURES
•
Power Good Output for Undervoltage &
Overvoltage Monitoring
•
Integrated 57m
Ω / 50mΩ MOSFETs
•
Adjustable Input Undervoltage Lockout
•
Split Power Rail: 1.6V to 17V on PVIN
•
Supported by SwitcherPro™ Software Tool
•
200kHz to 900kHz Switching Frequency
•
For SWIFT™ Documentation and
•
Synchronizes to External Clock
SwitcherPro™, visit http://www.ti.com/swift
•
0.8V Voltage Reference
•
Low 2uA Shutdown Quiescent Current
APPLICATIONS
•
Hiccup Overcurrent Protection
•
Flat Panel Digital TVs
•
Monotonic Start-Up into Prebiased Outputs
•
Set Top Boxes, Personal Video Recorders
•
–40°C to 125°C Operating Junction
•
Net Books
Temperature Range
•
High Density 3.3V/5V Power Distribution from
12 V Bus
•
Pin-to-Pin Compatible with the TPS54620
•
Adjustable Slow Start/Power Sequencing
DESCRIPTION
The TPS54521 is a full featured 17V, 5A synchronous step down converter which is optimized for small designs
through high efficiency and integrated high-side and low-side MOSFETs. Further space savings are achieved
through current mode control, which reduces component count, and by selecting a high switching frequency,
reducing the inductor's footprint.
The output voltage startup ramp is controlled by the SS/TR pin which allows operation as either a stand alone
power supply or in tracking situations. Power sequencing is also possible by correctly configuring the enable and
the open drain power good pins.
Cycle by cycle current limiting on the high-side FET protects the device in overload situations and is enhanced
by a low-side sourcing current limit which prevents current runaway. Hiccup protection will be triggered if the
overcurrent condition has persisted for longer than the preset time. Thermal shutdown disables the part when die
temperature exceeds thermal shutdown temperature. The TPS54521 is available in a 14 pin, 3.5mm x 3.5mm
QFN, thermally enhanced package.
WHITE SPACE
SIMPLIFIED SCHEMATIC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54521 TI-TPS54521 Datasheet
893Kb / 35P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI1-TPS54521 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS54521 TI2-TPS54521 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
REVISED AUGUST 2013
TPS54521RHL TI-TPS54521RHL Datasheet
893Kb / 35P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521RHL TI1-TPS54521RHL Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
More results

Similar Description - TPS54521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54620 TI-TPS54620_11 Datasheet
1Mb / 44P
4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS56921 TI-TPS56921 Datasheet
1Mb / 39P
4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
TPS54521 TI-TPS54521_15 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS56921 TI-TPS56921_15 Datasheet
995Kb / 37P
4.5V to 17V Input, 9A Synchronous Step Down SWIFT??Converter With VID Control
TPS54521 TI1-TPS54521_17 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com