Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54521 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 20Page - Texas Instruments TPS54521 Datasheet HTML 21Page - Texas Instruments TPS54521 Datasheet HTML 22Page - Texas Instruments TPS54521 Datasheet HTML 23Page - Texas Instruments TPS54521 Datasheet HTML 24Page - Texas Instruments TPS54521 Datasheet HTML 25Page - Texas Instruments TPS54521 Datasheet HTML 26Page - Texas Instruments TPS54521 Datasheet HTML 27Page - Texas Instruments TPS54521 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
ripple
eq
ripple
V
Z
I
=
2
cap
eff
1
Z
ESR
sw C
=
+
×
×
f
p
elec
eq
cer
elec
eq
Z
×
=
-
Z
Z
Z
Z
(
)
2
cer
eff
cer
cer
1
C
sw
Z
ESR
=
×
×
-
f
p
(
)
(
)
cer
eff
C
Vrating
C
Vrating Vout
×
=
-
(
)
12
f
×
-
=
×
×
×
Vout
Vinmax
Vout
Icorms
Vinmax L1
sw
1
capx
COxRMS
CORMS
sum
Z
I
I
Z
æ
ö
=
×
-
ç
÷
è
ø
TPS54521
SLVS981 – JUNE 2010
www.ti.com
Where
ΔIout is the change in output current, fsw is the regulator's switching frequency and ΔVout is the
allowable change in the output voltage. For this example, the transient load response is specified as a 3%
change in Vout for a load step of 5A. Using these numbers (
ΔIout = 5.0 A and ΔVout= 0.03 x 3.3 = 0.099 V)
gives a minimum capacitance of 210 mF.
The low cost, small size electrolytic capacitor chosen is Chemi-con’s EKZE6R3LL331MF11D (330 mF). This
capacitor has an ESR of 125.2 m
Ω. The ceramic capacitor’s ESR is estimated at 4 mΩ, providing low impedance
at the switching frequency to diminish the output voltage ripple. In order to determine the capacitance needed for
the ceramic capacitor, the required output impedance at the switching frequency must be calculated. Equation 23
yields 39.3 m
Ω for this design.
(23)
For each capacitor, the impedance at the switching frequency is the sum of their ESR and the absolute value of
their reactive impedance. For the electrolytic capacitor, Equation 24 yields an impedance of 126.2 m
Ω.
(24)
Knowing that |Zeq| is the parallel combination of the electrolytic and ceramic capacitor’s impedance, the
maximum impedance for the ceramic capacitor is calculated using Equation 25. For this design, this equation
yields 57 m
Ω.
(25)
Equation 26 can be used to calculate the effective capacitance required for the ceramic capacitor. For this
design, 6.25 uF are needed to meet the impedance requirement, which will meet the output voltage ripple
specification.
(26)
The capacitance of the ceramic capacitor is highly dependent on the DC output voltage. Equation 27 is used to
select the output capacitance required based on its voltage rating. For a 10 V ceramic capacitor, the minimum
standard value that meets the ripple specification is 10 mF. Using Equation 24, the impedance of this capacitor is
53.5 m
Ω at the switching frequency of 480 kHz. This is less (better) than the required maximum of 57 mΩ
needed to meet the output voltage ripple requirement.
(27)
Capacitors generally have limits to the amount of ripple current they can handle without failing or producing
excessive heat. An output capacitor that can support the inductor ripple current must be specified. Some
capacitor data sheets specify the RMS (Root Mean Square) value of the maximum ripple current. Equation 28
can be used to calculate the RMS ripple current the output capacitors need to support. For this application,
Equation 28 yields 485mA.
(28)
Knowing their impedance, the RMS current through each capacitor can be calculated using Equation 29 with
Zsum being the sum of the impedances of both capacitors. The RMS currents through the electrolytic and ceramic
capacitors are 144.4 mA and 340.6 mA, respectively.
This is well within the ripple current rating of each
capacitor.
(29)
24
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com