Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54521 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 22Page - Texas Instruments TPS54521 Datasheet HTML 23Page - Texas Instruments TPS54521 Datasheet HTML 24Page - Texas Instruments TPS54521 Datasheet HTML 25Page - Texas Instruments TPS54521 Datasheet HTML 26Page - Texas Instruments TPS54521 Datasheet HTML 27Page - Texas Instruments TPS54521 Datasheet HTML 28Page - Texas Instruments TPS54521 Datasheet HTML 29Page - Texas Instruments TPS54521 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
(
)
(
)
(
)
Voutmin
Ontimemin Fsmax Vinmax
Ioutmin RDS2min
RDS1min
Ioutmin RL
RDS2min
=
×
+
-
-
+
2
Iout
pmod
Vout Co
=
×
×
×
f
p
1
2
zmod
RESR Co
=
×
×
×
f
p
2
ea
ps
gm
Vref gm
ESR
C6
c Vout
×
×
×
=
×
×
f
p
(
)
(
)
ESR Co
R4
2 C6
×
=
×
(
)
(
)
Vout Co
C4
Iout R4
×
=
×
TPS54521
SLVS981 – JUNE 2010
www.ti.com
Minimum Output Voltage
Due to the internal design of the TPS54521, there is a minimum output voltage limit for any given input voltage.
The output voltage can never be lower than the internal voltage reference of 0.8 V. Above 0.8 V, the output
voltage may be limited by the minimum controllable on time. The minimum output voltage in this case is given by
Equation 34.
Where:
Voutmin = minimum achievable output voltage
Ontimemin = minimum controllable on-time (135 nsec maximum)
Fsmax = maximum switching frequency including tolerance
Vinmax = maximum input voltage
Ioutmin = minimum load current
RDS1min = minimum high side MOSFET on resistance (57 m
Ω typical)
RDS2min = minimum low side MOSFET on resistance (50 m
Ω typical)
RL = series resistance of output inductor
(34)
Compensation Component Selection
There are several industry techniques used to compensate DC/DC regulators. The method presented here is
easy to calculate and yields high phase margins. For most conditions, the regulator has a phase margin between
60 and 90 degrees. The method presented here ignores the effects of the slope compensation that is internal to
the TPS54521. Since the slope compensation is ignored, the actual crossover frequency is usually lower than the
crossover frequency used in the calculations. Use SwitcherPro software for a more accurate design.
With the low frequency zero from the aluminum electrolytic output capacitor adding phase and by using type III
compensation to give an additional phase boost, a high bandwidth, high phase margin design can be realized.
This design targets a crossover frequency (bandwidth) of 100 kHz.
First, the modulator pole, fpmod, and the ESR zero, fzmod, must be calculated using Equation 35 and
Equation 36. They are at 720 Hz and 3.8 kHz, respectively.
(35)
(36)
Now the compensation components can be calculated. First, calculate the value for C6 for a crossover frequency
of 100 kHz. Using Equation 37, the nearest standard value for C6 is 680 pF. In order to compensate for the
reduced bandwidth due to the internal slope compensation, the next lowest standard value of 560 pF is actually
used for C6.
(37)
Along with C6, R4 creates a pole to cancel the gain caused by the ESR zero of the power stage, fzmod. To keep
some of the phase from the zero, this pole is placed at roughly twice the frequency of the zero. The value of R4
needed to set the pole at the desired frequency is given by Equation 38.
(38)
Next calculate the value of C4. Together with R4, C4 places a compensation zero at the modulator pole
frequency, fpmod. Use Equation 39 to determine the value of C4.
(39)
Using Equation 38 and Equation 39, the standard values for R4 and C4 are 38.3 k
Ω and 5600 pF.
26
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com