Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54521 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 23Page - Texas Instruments TPS54521 Datasheet HTML 24Page - Texas Instruments TPS54521 Datasheet HTML 25Page - Texas Instruments TPS54521 Datasheet HTML 26Page - Texas Instruments TPS54521 Datasheet HTML 27Page - Texas Instruments TPS54521 Datasheet HTML 28Page - Texas Instruments TPS54521 Datasheet HTML 29Page - Texas Instruments TPS54521 Datasheet HTML 30Page - Texas Instruments TPS54521 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
(
)
1
C11
2
R8 fc
=
× ×
×
p
Time = 2 msec / div
Vin = 10 V / div
EN = 2 V / div
Vout = 2 V / div
SS/TR = 1 V / div
Time = 20 sec / div
Vout = 100 mV / div (AC coupled)
Iout = 2 A / div (1 A to 4 A load step)
Vin = 12 V
Time = 2 msec / div
Vin = 10 V / div
EN = 2 V / div
Vout = 2 V / div
SS/TR = 1 V / div
Time = 2 msec / div
Vin = 10 v / div
SS/TR = 1 V / div
EN = 2 V / div
Vout = 2 V / div
TPS54521
www.ti.com
SLVS981 – JUNE 2010
In order to provide a zero around the crossover frequency to boost the phase at crossover, a capacitor (C11) is
added in parallel to R8. The value of this capacitor is given by Equation 40.
(40)
For this design, the closest standard value is 47 pF. Increasing the value of C11 decreases the frequency of the
added zero, which increases the bandwidth and phase of the control loop. While 47 pF produces a stable design,
empirical measurements of the control loop and transient response show that 100 pF gives better performance
and is an optimal value for this design. A 100 pF capacitor is used for C11.
Application Curves from the Design Example
STARTUP with VIN
LOAD TRANSIENT
(0.66
Ω Load)
Figure 35.
Figure 36.
STARTUP with VIN
STARTUP with EN
(No Load)
(0.66
Ω Load)
Figure 37.
Figure 38.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s) :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com