Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54521 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 25Page - Texas Instruments TPS54521 Datasheet HTML 26Page - Texas Instruments TPS54521 Datasheet HTML 27Page - Texas Instruments TPS54521 Datasheet HTML 28Page - Texas Instruments TPS54521 Datasheet HTML 29Page - Texas Instruments TPS54521 Datasheet HTML 30Page - Texas Instruments TPS54521 Datasheet HTML 31Page - Texas Instruments TPS54521 Datasheet HTML 32Page - Texas Instruments TPS54521 Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Time = 1 sec / div
Vin = 200 mV / div (AC coupled)
Inductor Current = 2 A / div
PH = 10 V / div
Vin = 12 V
Time = 20 msec / div
Vout = 2 V / div
Inductor Current = 10 A / div
PH = 10 V / div
Vin = 12 V
Load = 0.1
SS/TR = 1 V / div
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
Frequency - Hz
-180
-150
-120
-90
-60
-30
0
30
60
90
120
150
180
Phase
Gain
Vin = 12 V
Load = 5 A
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
8
9
10
11
12
13
14
15
16
17
Input Voltage - V
Iout = 0A
Iout = 2.5A
Iout = 5A
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
0
1
1.5
2
2.5
3
3.5
4
4.5
Output Current - A
Vin = 8V
Vin = 10 V
Vin = 12 V
Vin = 15 V
Vin = 17 V
0.5
5
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Track In Voltage - V
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
Ideal Vsense
Vout
Vsense
TPS54521
www.ti.com
SLVS981 – JUNE 2010
INPUT VOLTAGE RIPPLE
(0.66
Ω Load)
OVERCURRENT HICCUP MODE
Figure 45.
Figure 46.
CLOSED LOOP RESPONSE
LINE REGULATION
Figure 47.
Figure 48.
LOAD REGULATION
TRACKING PERFORMANCE
Figure 49.
Figure 50.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s) :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com