Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54521 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 19Page - Texas Instruments TPS54521 Datasheet HTML 20Page - Texas Instruments TPS54521 Datasheet HTML 21Page - Texas Instruments TPS54521 Datasheet HTML 22Page - Texas Instruments TPS54521 Datasheet HTML 23Page - Texas Instruments TPS54521 Datasheet HTML 24Page - Texas Instruments TPS54521 Datasheet HTML 25Page - Texas Instruments TPS54521 Datasheet HTML 26Page - Texas Instruments TPS54521 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Vinmax
Vout
Vout
L1
Iout Kind
Vinmax
sw
-
=
×
×
× f
f
-
=
×
×
Vinmax
Vout
Vout
Iripple
L1
Vinmax
sw
(
)
2
2
1
12
Vout
Vinmax
Vout
ILrms
Iout
Vinmax L1
sw
æ
ö
×
-
=
+
×ç
÷
ç
÷
×
×
è
ø
f
2
=
+
Iripple
ILpeak
Iout
2
f
× D
>
× D
Iout
Co
sw
Vout
TPS54521
www.ti.com
SLVS981 – JUNE 2010
Output Inductor Selection
To calculate the value of the output inductor Equation 18 is used. Kind is a coefficient that represents the amount
of inductor ripple current relative to the maximum output current. The inductor ripple current is filtered by the
output capacitor. Therefore, choosing high inductor ripple currents impact the selection of the output capacitor
since the output capacitor must have a ripple current rating equal to or greater than the inductor ripple current. In
general, the inductor ripple value is at the discretion of the designer; however, Kind is normally from 0.3 to 0.4 for
the majority of low cost applications.
(18)
For this design example, using Kind = 0.35 the inductor value is calculated to be 3.2 µH. A low cost 3.3 µH
inductor from Coilcraft’s DR0608 series was chosen. For the output filter inductor, it is important that the RMS
current and saturation current ratings not be exceeded. The inductor ripple current, RMS current, and peak
inductor current can be found from Equation 19, Equation 20, and Equation 21.
(19)
(20)
(21)
For this design, the inductor ripple current is 1.68 A, the RMS inductor current is 5.02 A, and the peak inductor
current is 5.84 A. The chosen inductor has a RMS current rating of 7.5 A. Based on inductance vs. current data
from Coilcraft, this inductor has a saturation current greater than 6 A.
The current flowing through the inductor is the inductor ripple current plus the output current. During power up,
faults, or transient load conditions, the inductor current can increase above the calculated peak inductor current
level calculated above. In transient conditions, the inductor current can increase up to the switch current limit of
the device. For this reason, the most conservative approach is to specify an inductor with a saturation current
rating equal to or greater than the switch current limit rather than the peak inductor current. However, this
approach was not used due to the low cost nature of this design.
Output Capacitor Selection
There are two primary considerations for selecting the output capacitor values: the minimum capacitance
required to meet the transient response specification and the maximum impedance at the switching frequency to
meet the output voltage ripple requirement. Any output capacitor type (ceramic, tantalum, polymer, electrolytic,
etc.) can be used with the TPS54521 to meet the design specifications. Considering low cost design, an
aluminum electrolytic output capacitor is used with a low value ceramic capacitor in parallel. The electrolytic
capacitor provides the bulk capacitance needed to react to a load step, while the ceramic capacitor absorbs the
majority of the current ripple in order to achieve low output voltage ripple.
The desired response to a large change in the load current is the first criterion. The output capacitor needs to
supply the load with current when the regulator cannot. This situation would occur if there are desired hold-up
times for the regulator where the output capacitor must hold the output voltage above a certain level for a
specified amount of time after the input power is removed. The regulator is also temporarily not able to supply
sufficient output current if there is a large, fast increase in the current needs of the load such as transitioning
from no load to a full load. The regulator usually needs two or more clock cycles for the control loop to see the
change in load current and output voltage and adjust the duty cycle to react to the change. The output capacitor
must be sized to supply the extra current to the load until the control loop responds to the load change. The
output capacitance must be large enough to supply the difference in current for 2 clock cycles while only allowing
a tolerable amount of droop in the output voltage. Equation 22 shows the minimum output capacitance necessary
to accomplish this.
(22)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s) :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com