Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54521 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 25Page - Texas Instruments TPS54521 Datasheet HTML 26Page - Texas Instruments TPS54521 Datasheet HTML 27Page - Texas Instruments TPS54521 Datasheet HTML 28Page - Texas Instruments TPS54521 Datasheet HTML 29Page - Texas Instruments TPS54521 Datasheet HTML 30Page - Texas Instruments TPS54521 Datasheet HTML 31Page - Texas Instruments TPS54521 Datasheet HTML 32Page - Texas Instruments TPS54521 Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
25
50
75
100
125
0
0.5
1
1.5
2
2.5
3
Load Current - A
VIN = 12V
Vout = 3.3V
Fsw = 480kHz
Ta = room temperature
no airflow
3.5
4
4.5
5
25
50
75
100
125
0
0.5
1
1.5
2
2.5
3
Pic - IC Power Dissipation - W
T = room temp
A
3.5
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
LoadCurrent- A
VIN=12V
Fsw=500kHz
VOUT =5V
VOUT =3.3V
VOUT =1.8V
VOUT =1.2V
VOUT =0.8V
25
50
75
100
125
0
0.5
1
1.5
2
2.5
3.5
Pic - IC Power Dissipation - W
3
T = room temperature,
no air flow
A
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
Output Current - A
Vin = 8 V
Vin = 12 V
Vin = 17 V
VOUT = 3.3 V
Fsw = 480 kHz
TPS54521
SLVS981 – JUNE 2010
www.ti.com
JUNCTION TEMPERATURE
MAXIMUM AMBIENT TEMPERATURE
vs
vs
LOAD CURRENT
IC POWER DISSIPATION
Figure 51.
Figure 52.
JUNCTION TEMPERATURE
EFFICIENCY
vs
vs
IC POWER DISSIPATION
LOAD CURRENT
Figure 53.
Figure 54.
EFFICIENCY
vs
LOAD CURRENT
Figure 55.
30
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com