Electronic Components Datasheet Search
  English  ▼

X  

LT3579 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3579
Description  6A Boost/Inverting DC/DC Converter with Fault Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3579 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3579 Datasheet HTML 5Page - Linear Technology LT3579 Datasheet HTML 6Page - Linear Technology LT3579 Datasheet HTML 7Page - Linear Technology LT3579 Datasheet HTML 8Page - Linear Technology LT3579 Datasheet HTML 9Page - Linear Technology LT3579 Datasheet HTML 10Page - Linear Technology LT3579 Datasheet HTML 11Page - Linear Technology LT3579 Datasheet HTML 12Page - Linear Technology LT3579 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
LT3579/LT3579-1
9
35791f
SHDN < 1.33V
OR
VIN < 2.3V
SHDN > 1.33V
AND
VIN > 2.3V
FAULT DETECTED
• SS CHARGES UP
• IGATE OFF
• FAULT PULLED LOW INTERNALLY BY LT3579
• SWITCHER DISABLED
• CLKOUT DISABLED
SS < 50mV
IF |VOUT| DROPS CAUSING:
FB < 1.17V (BOOST)
OR
FB > 45mV (INVERTING)
SS > 1.8V
AND NO FAULT1
CONDITIONS STILL DETECTED
SS < 50mV
FAULT1
FAULT1
FAULT1
FAULT1
FAULT1
FAULT1
FAULT2
FAULT > 1.0V
FAULT1 =
OVER VOLTAGE PROTECTION ON VIN (VIN > 16.2V (MIN))
OVER TEMPERATURE (TJUNCTION > 165°C (TYP))
OVER CURRENT ON SW1 (ISW1 > 3.4A (MIN))
OVER VOLTAGE PROTECTION ON SW1 (VSW1 > 42V (MIN))
OVER VOLTAGE PROTECTION ON SW1 (VSW2 > 42V (MIN))
FAULT2 = FAULT PULLED LOW EXTERNALLY (FAULT < 0.75V)
CHIP OFF
• ALL SWITCHES DISABLED
• IGATE OFF
• FAULTS CLEARED
INITIALIZE
• SS PULLED LOW
NORMAL MODE
• NORMAL OPERATION
• CLKOUT ENABLED WHEN
SS > 1.8V
SAMPLE MODE
• Q1 & Q2 SWITCHES
FORCED ON EVERY CYCLE
FOR AT LEAST MINIMUM
ON-TIME
• IGATE FULLY ACTIVATED
WHEN SS > 500mV
SOFT START
• IGATE ENABLED
• SS CHARGES UP
• SWITCHER ENABLED
POST FAULT DELAY
• SS SLOWLY DISCHARGES
LOCAL FAULT OVER
• INTERNAL FAULT PULLDOWN
RELEASED BY LT3579
• SS CONTINUES DISCHARGING
TO GND
3759 SD
STATE DIAGRAM
Figure 2. State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com