Electronic Components Datasheet Search
  English  ▼

X  

LT3579 Datasheet(PDF) 30 Page - Linear Technology

Part # LT3579
Description  6A Boost/Inverting DC/DC Converter with Fault Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3579 Datasheet(HTML) 30 Page - Linear Technology

Back Button LT3579 Datasheet HTML 26Page - Linear Technology LT3579 Datasheet HTML 27Page - Linear Technology LT3579 Datasheet HTML 28Page - Linear Technology LT3579 Datasheet HTML 29Page - Linear Technology LT3579 Datasheet HTML 30Page - Linear Technology LT3579 Datasheet HTML 31Page - Linear Technology LT3579 Datasheet HTML 32Page - Linear Technology LT3579 Datasheet HTML 33Page - Linear Technology LT3579 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
LT3579/LT3579-1
30
35791f
APPENDIX
The current mode zero (Z3) is a right half plane zero
which can be an issue in feedback control design, but is
manageable with proper external component selection.
Using the circuit in Figure 20 as an example, Table 8 shows
the parameters used to generate the Bode plot shown in
Figure 19.
Table 8. Bode Plot Parameters
PARAMETER
VALUE
UNITS
COMMENT
RL
7
Ω
Application Specific
COUT
30
μF
Application Specific
RESR
2
mΩ
Application Specific
R0
305
kΩ
Not Adjustable
CC
2200
pF
Adjustable
CF
47
pF
Optional/Adjustable
CPL
0
pF
Optional/Adjustable
RC
8
kΩ
Adjustable
R1
130
kΩ
Adjustable
R2
14.6
kΩ
Not Adjustable
VOUT
12
V
Application Specific
VIN
5
V
Application Specific
gma
250
μmho
Not Adjustable
gmp
28
mho
Not Adjustable
L
2.2
μH
Application Specific
fOSC
1.0
MHz
Adjustable
From Figure 19, the phase is –134° when the gain reaches
0dB giving a phase margin of 46°. The crossover frequency
Figure 19. Bode Plot for Example Boost Converter
Figure 20. 5V to 12V Boost Converter
FREQUENCY (Hz)
10
–20
60
80
100
120
40
20
0
140
–360
–315
–180
–135
–90
–45
–225
–270
0
100
10k
100k
1M
3060 TA02
1k
PHASE
GAIN
46° AT
8kHz
VOUT
12V
1.7A
COUT
10μF
3
L1
2.2μH
D1
VIN
5V
VIN
SW1 SW2
3579 F20
LT3579
86.6k
8k
130k
100k
SHDN
FAULT
FB
GATE
CLKOUT
VC
SYNC GND
SS
RT
2.2nF
0.1μF
47pF
CIN
22μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com