Electronic Components Datasheet Search
  English  ▼

X  

LT3579 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3579
Description  6A Boost/Inverting DC/DC Converter with Fault Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3579 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3579 Datasheet HTML 2Page - Linear Technology LT3579 Datasheet HTML 3Page - Linear Technology LT3579 Datasheet HTML 4Page - Linear Technology LT3579 Datasheet HTML 5Page - Linear Technology LT3579 Datasheet HTML 6Page - Linear Technology LT3579 Datasheet HTML 7Page - Linear Technology LT3579 Datasheet HTML 8Page - Linear Technology LT3579 Datasheet HTML 9Page - Linear Technology LT3579 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LT3579/LT3579-1
6
35791f
TYPICAL PERFORMANCE CHARACTERISTICS
Active/Lockout Threshold
SHDN Pin Current
SHDN Pin Current
Internal UVLO
VIN OVLO
Fault Input Threshold
CLKOUT Rise Time at 1MHz
Gate Pin Current (VSS = 2.1V)
Gate Pin Current (VGATE = 5V)
0
50
250
200
150
100
CLKOUT CAPACITIVE LOAD (pF)
0
5
15
20
25
50
35
35791 G10
10
40
45
30
CLKOUT FALL TIME
CLKOUT RISE TIME
GATE PIN VOLTAGE (V)
0
0
600
700
800
900
550
400
300
200
100
1000
10
40
50
60
70
80
20
35791 G11
30
TA = –40°C
TA = 25°C
TA = 125°C
SS VOLTAGE (V)
0
0
600
700
800
900
500
400
300
200
100
1000
0.25
0.75
1
1.25
1.5
35791 G12
0.5
TEMPERATURE (°C)
–50
1.2
1.32
1.34
1.36
1.38
1.3
1.28
1.26
1.24
1.22
1.4
–25
25
50
75
100 125 150
35791 G13
0
SHDN RISING
SHDN FALLING
SHDN VOLTAGE (V)
0
0
20
25
15
10
5
30
0.25
0.75
1
1.25 1.5 1.75
2
35791 G14
0.5
TA = 125°C
TA = 25°C
TA = –40°C
SHDN VOLTAGE (V)
0
0
200
150
100
50
250
5
152025303540
35791 G15
10
TA = 125°C
TA = 25°C
TA = –40°C
TEMPERATURE (°C)
–50
2.1
2.45
2.35
2.4
2.25
2.3
2.15
2.2
2.5
–25
25
50
75
100 125 150
35791 G16
0
TEMPERATURE (°C)
–50
12
21
17
18
19
20
15
16
13
14
22
–25
25
50
75
100 125 150
35791 G17
0
TEMPERATURE (°C)
–50
0
0.75
1
0.5
0.25
1.25
–25
25
50
75
100 125 150
35791 G18
0
FAULT FALLING
FAULT RISING
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com