Electronic Components Datasheet Search
  English  ▼

X  

LT3579 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3579
Description  6A Boost/Inverting DC/DC Converter with Fault Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3579 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3579 Datasheet HTML 18Page - Linear Technology LT3579 Datasheet HTML 19Page - Linear Technology LT3579 Datasheet HTML 20Page - Linear Technology LT3579 Datasheet HTML 21Page - Linear Technology LT3579 Datasheet HTML 22Page - Linear Technology LT3579 Datasheet HTML 23Page - Linear Technology LT3579 Datasheet HTML 24Page - Linear Technology LT3579 Datasheet HTML 25Page - Linear Technology LT3579 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
LT3579/LT3579-1
22
35791f
APPLICATIONS INFORMATION
Use the following equations to calculate the FB resistor
for 2-phase converters:
R
VV
μA
FB
OUT
=
•
⎛
⎝
⎜
⎞
⎠
⎟
–.
.
1 215
283 3
; Boost or SEPIC
Multiphase Converter
R
VmV
μA
FB
OUT
=
+
•
⎛
⎝
⎜
⎞
⎠
⎟
||
.
9
283 3
; Inverting Multiphase
Converter
Note that the CLKOUT pin on the LT3579-1 runs at a fixed
duty cycle of ~50%. If monitoring the die temperature is
desired, the slave IC can be a LT3579.
It is possible to use the LT3579-1 in a multiphase converter
of more than 2 phases. Consult the LTC Applications
Engineering Department for more information.
CHARGE PUMP AIDED REGULATORS
Designing charge pumps with the LT3579 can offer efficient
solutions with fewer components than traditional circuits
because of the master/slave switch configuration on the
IC. The current in the master switch (SW1) is sensed by
the current comparator (A4 in Block Diagram), but the
current in the slave switch (SW2) is not. Note that the slave
switch, SW2, operates in phase with SW1. This method
of operation by the master/slave switches can offer the
following benefits to charge pump designs:
• The slave switch, by not performing a current sense
operation like the master switch, can sustain fairly
large current spikes when the flying capacitors charge
up. Since this current spike flows through SW2, it
does not affect the operation of the current comparator
(A4 in Block Diagram).
• The master switch, immune from the capacitor current
spike, can sense the inductor current more accurately.
• Since the slave switch can sustain large current spikes,
the diodes that feed current into the flying capacitors
do not need current limiting resistors, leading to
efficiency and thermal improvements.
4.7μH
4.7μH
VPWR
12V
VIN
5V
VOUT
24V
3.7A,
89W
VOUT1
VOUT1
VPWR
10μF
4.7μF
10μF
4.7μF
2
0.22μF
4.7μF
4.7μF
2
137k
3579 F13
SW1 SW2
VIN
CLKOUT
GATE
VC
SS
GND
FB
FAULT
SYNC
SHDN
RT
LT3579-1
MASTER
SW1 SW2
VIN
CLKOUT
GATE
VC
SS
GND
FB
FAULT
SYNC
SHDN
RT
LT3579-1
SLAVE
86.6k
6.4k
7k
2.2nF
47pF
0.22μF
5k
86.6k
21.5k
500k
100k
4.7μF
2
Figure 13. 2-Phase Converters Using LT3579-1
High VOUT Charge Pump Topology
The LT3579 can be used in a charge-pump topology (refer
to Figure 16), multiplying the output of an inductive boost
converter. The master switch (SW1) can be used to drive
the inductive boost converter, while the slave switch (SW2)
can be used to drive one or more charge pump stages. This
topology is useful for high voltage applications including
VFD Bias Supplies.
Single Inductor Inverting Topology
If there is a need to use just 1 inductor to generate a
negative output voltage whose magnitude is greater than
VIN, the Single Inductor Inverting topology (shown in
Figure 15) can be used. Since the master and slave switches
are isolated by an external Schottky diode, the current spike
through C1 will flow through the slave switch, thereby
preventing the current comparator (A4 in Block Diagram)
from falsely tripping. Output disconnect is inherently built
into the single inductor topology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com