Electronic Components Datasheet Search
  English  ▼

X  

LT3579 Datasheet(PDF) 28 Page - Linear Technology

Part # LT3579
Description  6A Boost/Inverting DC/DC Converter with Fault Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3579 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3579 Datasheet HTML 24Page - Linear Technology LT3579 Datasheet HTML 25Page - Linear Technology LT3579 Datasheet HTML 26Page - Linear Technology LT3579 Datasheet HTML 27Page - Linear Technology LT3579 Datasheet HTML 28Page - Linear Technology LT3579 Datasheet HTML 29Page - Linear Technology LT3579 Datasheet HTML 30Page - Linear Technology LT3579 Datasheet HTML 31Page - Linear Technology LT3579 Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
LT3579/LT3579-1
28
35791f
APPENDIX
Table 7 shows a list of several discrete PMOS manufa-
cturers. Consult the manufacturers for detailed information
on their entire selection of PMOS devices.
Table 7. Discrete PMOS Manufacturers
Vishay
www.vishay.com
Fairchild Semiconductor
www.fairchildsemi.com
Central Semiconductor
www.centralsemi.com
COMPENSATION – ADJUSTMENT
To compensate the feedback loop of the LT3579, a series
resistor-capacitor network in parallel with an optional single
capacitor must be connected from the VC pin to GND. For
most applications, choose a series capacitor in the range
of 1nF to 10nF with 2.2nF being a good starting value.
The optional parallel capacitor should range in value from
22pF to 180pF with 47pF being a good starting value. The
compensation resistor, RC, is usually in the range of 5k to
50k. A good technique to compensate a new application is
to use a 100kΩ potentiometer in place of the series resistor
RC. With the series and parallel capacitors at 2.2nF and
47pF respectively, adjust the potentiometer while observing
the transient response and the optimum value for RC can
be found. Figures 17a to 17c illustrate this process for the
circuit of Figure 20 with a load current stepped between
0.7A and 1.5A. Figure 17a shows the transient response
with RC equal to 1k. The phase margin is poor as evidenced
by the excessive ringing in the output voltage and inductor
current. In Figure 17b, the value of RC is increased to 3.5k,
which results in a more damped response. Figure 17c
shows the results when RC is increased further to 8k. The
transient response is nicely damped and the compensation
procedure is complete.
COMPENSATION – THEORY
Like all other current mode switching regulators, the
LT3579 needs to be compensated for stable and efficient
operation. Two feedback loops are used in the LT3579: a
fast current loop which does not require compensation,
and a slower voltage loop which does. Standard Bode plot
analysis can be used to understand and adjust the voltage
Figure 17a. Transient Response Shows Excessive Ringing
Figure 17b. Transient Response Is Better
Figure 17c. Transient Response Is Well Damped
100μs/DIV
VOUT
500mV/DIV
AC COUPLED
IL
2A/DIV
ILOAD
1A/DIV
3579 F17a
RC = 1k
100μs/DIV
VOUT
500mV/DIV
AC COUPLED
IL
2A/DIV
ILOAD
1A/DIV
3579 F17b
RC = 3.5k
100μs/DIV
VOUT
500mV/DIV
AC COUPLED
IL
2A/DIV
ILOAD
1A/DIV
3579 F17c
RC = 8k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com