Electronic Components Datasheet Search
  English  ▼

X  

AD5308 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5308
Description  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5308 Datasheet(HTML) 5 Page - Analog Devices

  AD5308 Datasheet HTML 1Page - Analog Devices AD5308 Datasheet HTML 2Page - Analog Devices AD5308 Datasheet HTML 3Page - Analog Devices AD5308 Datasheet HTML 4Page - Analog Devices AD5308 Datasheet HTML 5Page - Analog Devices AD5308 Datasheet HTML 6Page - Analog Devices AD5308 Datasheet HTML 7Page - Analog Devices AD5308 Datasheet HTML 8Page - Analog Devices AD5308 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD5308/AD5318/AD5328
Rev. D | Page 5 of 24
A Version1
B Version1
Parameter2
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
Short Circuit Current
25.0
25.0
mA
VDD = 5 V
16.0
16.0
mA
VDD = 3 V
Power-Up Time
2.5
2.5
μs
Coming out of power-down
mode, VDD = 5 V
5.0
5.0
μs
Coming out of power-down
mode, VDD = 3 V
LOGIC INPUTS6
Input Current
±1
±1
μA
VIL, Input Low Voltage
0.8
0.8
V
VDD = 5 V ± 10%
0.8
0.8
V
VDD = 3 V ± 10%
0.7
0.7
V
VDD = 2.5 V
VIH, Input High Voltage
1.7
1.7
V
VDD = 2.5 V to 5.5 V, TTL and
CMOS compatible
Pin Capacitance
3.0
3.0
pF
POWER REQUIREMENTS
VDD
2.5
5.5
2.5
5.5
V
IDD (Normal Mode)8
VIH = VDD and VIL = GND
VDD = 4.5 V to 5.5 V
1.0
1.8
1.0
1.8
mA
All DACs in unbuffered
mode, in buffered mode
VDD = 2.5 V to 3.6 V
0.7
1.5
0.7
1.5
mA
Extra current is typically x μA
per DAC; x = (5 μA +
VREF/RDAC)/4
IDD (Power-Down Mode)9
VIH = VDD and VIL = GND
VDD = 4.5 V to 5.5 V
0.4
1
0.4
1
μA
VDD = 2.5 V to 3.6 V
0.12
1
0.12
1
μA
1 Temperature range (A, B Version): −40°C to +105°C; typical at 25°C.
2 See the Terminology section.
3 DC specifications tested with the outputs unloaded unless stated otherwise.
4 Linearity is tested using a reduced code range: AD5308 (Code 8 to Code 255), AD5318 (Code 28 to Code 1023), and AD5328 (Code 115 to Code 4095).
5 This corresponds to x codes. x = deadband voltage/LSB size.
6 Guaranteed by design and characterization; not production tested.
7 For the amplifier output to reach its minimum voltage, offset error must be negative. For the amplifier output to reach its maximum voltage, VREF = VDD and offset plus
gain error must be positive.
8 Interface inactive. All DACs active. DAC outputs unloaded.
9 All eight DACs powered down.
VDD = 2.5 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.
Table 2. AC Characteristics1
A, B Version2
Parameter3
Min
Typ
Max
Unit
Conditions/Comments
Output Voltage Settling Time
VREF = VDD = 5 V
AD5308
6
8
μs
1/4 scale to 3/4 scale change (0x40 to 0xC0)
AD5318
7
9
μs
1/4 scale to 3/4 scale change (0x100 To 0x300)
AD5328
8
10
μs
1/4 scale to 3/4 scale change (0x400 to 0xC00)
Slew Rate
0.7
V/μs
Major-Code Change Glitch Energy
12
nV-sec
1 LSB change around major carry
Digital Feedthrough
0.5
nV-sec
Digital Crosstalk
0.5
nV-sec
Analog Crosstalk
1
nV-sec
DAC-to-DAC Crosstalk
3
nV-sec
Multiplying Bandwidth
200
kHz
VREF = 2 V ± 0.1 V p-p, unbuffered mode
Total Harmonic Distortion
−70
dB
VREF = 2.5 V ± 0.1 V p-p, frequency = 10 kHz
1 Guaranteed by design and characterization; not production tested.
2 Temperature range (A, B Version): –40°C to +105°C; typical at 25°C.
3 See the Terminology section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com