Electronic Components Datasheet Search
  English  ▼

X  

AD5308 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5308
Description  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5308 Datasheet(HTML) 1 Page - Analog Devices

  AD5308 Datasheet HTML 1Page - Analog Devices AD5308 Datasheet HTML 2Page - Analog Devices AD5308 Datasheet HTML 3Page - Analog Devices AD5308 Datasheet HTML 4Page - Analog Devices AD5308 Datasheet HTML 5Page - Analog Devices AD5308 Datasheet HTML 6Page - Analog Devices AD5308 Datasheet HTML 7Page - Analog Devices AD5308 Datasheet HTML 8Page - Analog Devices AD5308 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2.5 V to 5.5 V Octal Voltage Output
8-/10-/12-Bit DACs in 16-Lead TSSOP
AD5308/AD5318/AD5328
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2007 Analog Devices, Inc. All rights reserved.
FEATURES
AD5308: 8 buffered 8-bit DACs in 16-lead TSSOP
A version: ±1 LSB INL, B version: ±0.75 LSB INL
AD5318: 8 buffered 10-bit DACs in 16-lead TSSOP
A version: ±4 LSB INL, B version: ±3 LSB INL
AD5328: 8 buffered 12-bit DACs in 16-lead TSSOP
A version: ±16 LSB INL, B version: ±12 LSB INL
Low power operation: 0.7 mA @ 3 V
Guaranteed monotonic by design over all codes
Power-down to 120 nA @ 3 V, 400 nA @ 5 V
Double-buffered input logic
Buffered/unbuffered/VDD reference input options
Output range: 0 V to VREF or 0 V to 2 VREF
Power-on reset to 0 V
Programmability
Individual channel power-down
Simultaneous update of outputs (LDAC)
Low power, SPI-®, QSPI-™, MICROWIRE-™, and DSP-
compatible 3-wire serial interface
On-chip rail-to-rail output buffer amplifiers
Temperature range: −40°C to +105°C
APPLICATIONS
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Optical networking
Automatic test equipment
Mobile communications
Programmable attenuators
Industrial process control
GENERAL DESCRIPTION
The AD5308/AD5318/AD5328 are octal 8-, 10-, and 12-bit
buffered voltage output DACs in a 16-lead TSSOP. They operate
from a single 2.5 V to 5.5 V supply, consuming 0.7 mA typical
at 3 V. Their on-chip output amplifiers allow the outputs to
swing rail-to-rail with a slew rate of 0.7 V/μs. The AD5308/
AD5318/AD5328 use a versatile 3-wire serial interface that
operates at clock rates up to 30 MHz and is compatible with
standard SPI, QSPI, MICROWIRE, and DSP interface
standards.
The references for the eight DACs are derived from two
reference pins (one per DAC quad). These reference inputs can
be configured as buffered, unbuffered, or VDD inputs. The parts
incorporate a power-on reset circuit, which ensures that the
DAC outputs power up to 0 V and remain there until a valid
write to the device takes place. The outputs of all DACs may be
updated simultaneously using the asynchronous LDAC input.
The parts contain a power-down feature that reduces the current
consumption of the devices to 400 nA at 5 V (120 nA at 3 V).
The eight channels of the DAC may be powered down individually.
All three parts are offered in the same pinout, which allows
users to select the resolution appropriate for their application
without redesigning their circuit board.


Similar Part No. - AD5308

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5308 AD-AD5308 Datasheet
308Kb / 19P
2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
11/03-Data Sheet changed from REV. A to REV. B.
AD5308 AD-AD5308 Datasheet
357Kb / 24P
2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5308 AD-AD5308 Datasheet
565Kb / 24P
2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
AD5308ARU AD-AD5308ARU Datasheet
408Kb / 28P
2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308ARU AD-AD5308ARU Datasheet
408Kb / 28P
2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
More results

Similar Description - AD5308

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5308 AD-AD5308 Datasheet
308Kb / 19P
2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
11/03-Data Sheet changed from REV. A to REV. B.
AD5328ARUZ AD-AD5328ARUZ Datasheet
408Kb / 28P
2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308 AD-AD5308_11 Datasheet
408Kb / 28P
2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5307 AD-AD5307_15 Datasheet
585Kb / 28P
2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5308 AD-AD5308_15 Datasheet
408Kb / 28P
2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5317 AD-AD5317_15 Datasheet
585Kb / 28P
2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5318 AD-AD5318_15 Datasheet
408Kb / 28P
2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5327 AD-AD5327_15 Datasheet
585Kb / 28P
2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5328 AD-AD5328_15 Datasheet
408Kb / 28P
2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com