Electronic Components Datasheet Search
  English  ▼

X  

AD5308 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5308
Description  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5308 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5308 Datasheet HTML 12Page - Analog Devices AD5308 Datasheet HTML 13Page - Analog Devices AD5308 Datasheet HTML 14Page - Analog Devices AD5308 Datasheet HTML 15Page - Analog Devices AD5308 Datasheet HTML 16Page - Analog Devices AD5308 Datasheet HTML 17Page - Analog Devices AD5308 Datasheet HTML 18Page - Analog Devices AD5308 Datasheet HTML 19Page - Analog Devices AD5308 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5308/AD5318/AD5328
Rev. D | Page 16 of 24
POWER-ON RESET
The AD5308/AD5318/AD5328 are provided with a power-on
reset function so that they power up in a defined state. The
power-on state is
•
Normal operation
•
Reference inputs unbuffered
•
0 V to VREF output range
•
Output voltage set to 0 V
•
LDAC bits set to LDAC high
Both input and DAC registers are filled with 0s and remain so
until a valid write sequence is made to the device. This is
particularly useful in applications where it is important to know
the state of the DAC outputs while the device is powering up.
POWER-DOWN MODE
The AD5308/AD5318/AD5328 have low power consumption,
typically dissipating 2.4 mW with a 3 V supply and 5 mW with
a 5 V supply. Power consumption can be further reduced when
the DACs are not in use by putting them into power-down
mode, which is described in the Serial Interface section.
When in default mode, all DACs work normally with a typical
power consumption of 1 mA at 5 V (800 μA at 3 V). However,
when all DACs are powered down, that is, in power-down
mode, the supply current falls to 400 nA at 5 V (120 nA at 3 V).
Not only does the supply current drop, but the output stage is
also internally switched from the output of the amplifier,
making it open-circuit. This has the advantage that the output is
three-state while the part is in power-down mode, and provides
a defined input condition for whatever is connected to the
output of the DAC amplifier. The output stage is illustrated in
Figure 31.
The bias generator, the output amplifiers, the resistor string, and
all other associated linear circuitry are shut down when the
power-down mode is activated. However, the contents of the
registers are unaffected when in power-down. In fact, it is
possible to load new data to the input registers and DAC regis-
ters during power-down. The DAC outputs update as soon as
the device comes out of power-down mode. The time to exit
power-down is typically 2.5 μs when VDD = 5 V and 5 μs when
VDD = 3 V.
POWER-DOWN
CIRCUITRY
RESISTOR-
STRING DAC
AMPLIFIER
VOUT
Figure 31. Output Stage During Power-Down
SERIAL INTERFACE
The AD5308/AD5318/AD5328 are controlled over a versatile
3-wire serial interface that operates at clock rates up to 30 MHz
and is compatible with SPI, QSPI, MICROWIRE, and DSP
interface standards.
Input Shift Register
The input shift register is 16 bits wide. Data is loaded into the
device as a 16-bit word under the control of a serial clock input,
SCLK. The timing diagram for this operation is shown in Figure 2.
The SYNC input is a level-triggered input that acts as a frame
synchronization signal and chip enable. Data can be transferred
into the device only while SYNC is low. To start the serial data
transfer, SYNC should be taken low, observing the minimum
SYNC to SCLK falling edge set-up time, t4. After SYNC goes
low, serial data is shifted into the device’s input shift register on
the falling edges of SCLK for 16 clock pulses.
To end the transfer, SYNC must be taken high after the falling
edge of the 16th SCLK pulse, observing the minimum SCLK
falling edge to SYNC rising edge time, t7.
After the end of the serial data transfer, data is automatically
transferred from the input shift register to the input register of
the selected DAC. If SYNC is taken high before the 16th falling
edge of SCLK, the data transfer is aborted and the DAC input
registers are not updated.
Data is loaded MSB first (Bit 15). The first bit determines
whether it is a DAC write or a control function.
DAC Write
The 16-bit word consists of 1 control bit and 3 address bits fol-
lowed by 8, 10, or 12 bits of DAC data, depending on the device
type. In the case of a DAC write, the MSB is a 0. The next 3
address bits determine whether the data is for DAC A, DAC B,
DAC C, DAC D, DAC E, DAC F, DAC G, or DAC H. The
AD5328 uses all 12 bits of DAC data. The AD5318 uses 10 bits
and ignores the 2 LSBs. The AD5308 uses 8 bits and ignores the
last 4 bits. These ignored LSBs should be set to 0. The data
format is straight binary, with all 0s corresponding to 0 V
output and all 1s corresponding to full-scale output.
Table 6. Address Bits for the AD5308/AD5318/AD5328
A2 (Bit 14)
A1 (Bit 13)
A0 (Bit 12)
DAC Addressed
0
0
0
DAC A
0
0
1
DAC B
0
1
0
DAC C
0
1
1
DAC D
1
0
0
DAC E
1
0
1
DAC F
1
1
0
DAC G
1
1
1
DAC H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com