Electronic Components Datasheet Search
  English  ▼

X  

AD5308 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5308
Description  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5308 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5308 Datasheet HTML 15Page - Analog Devices AD5308 Datasheet HTML 16Page - Analog Devices AD5308 Datasheet HTML 17Page - Analog Devices AD5308 Datasheet HTML 18Page - Analog Devices AD5308 Datasheet HTML 19Page - Analog Devices AD5308 Datasheet HTML 20Page - Analog Devices AD5308 Datasheet HTML 21Page - Analog Devices AD5308 Datasheet HTML 22Page - Analog Devices AD5308 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD5308/AD5318/AD5328
Rev. D | Page 19 of 24
MICROPROCESSOR INTERFACE
ADSP-2101/ADSP-2103-to-
AD5308/AD5318/AD5328 INTERFACE
Figure 36 shows a serial interface between the AD5308/AD5318/
AD5328 and the ADSP-2101/ADSP-2103. The ADSP-2101/
ADSP-2103 should be set up to operate in the SPORT transmit
alternate framing mode. The ADSP-2101/ADSP-2103 SPORT is
programmed through the SPORT control register and should be
configured as follows: internal clock operation, active low framing,
and 16-bit word length. Transmission is initiated by writing a word
to the Tx register after the SPORT has been enabled. The data is
clocked out on each rising edge of the DSP’s serial clock and
clocked into the AD5308/AD5318/ AD5328 on the falling edge
of the DAC’s SCLK.
ADSP-2101/
ADSP-2103*
*ADDITIONAL PINS OMITTED FOR CLARITY
TFS
AD5308/
AD5318/
AD5328*
SYNC
DT
SCLK
SCLK
DIN
Figure 36. ADSP-2101/ADSP-2103-to-AD5308/AD5318/AD5328 Interface
68HC11/68L11-to-AD5308/AD5318/AD5328
INTERFACE
Figure 37 shows a serial interface between the AD5308/AD5318/
AD5328 and the 68HC11/68L11 microcontroller. SCK of the
68HC11/68L11 drives the SCLK of the AD5308/AD5318/AD5328,
and the MOSI output drives the serial data line (DIN) of the DAC.
The sync signal is derived from a port line (PC7). The set up
conditions for the correct operation of this interface are as follows:
the 68HC11/68L11 should be configured so that its CPOL bit is a
0 and its CPHA bit is a 1. When data is being transmitted to the
DAC, the sync line is taken low (PC7). When the 68HC11/ 68L11
is configured as just described, data appearing on the MOSI output
is valid on the falling edge of SCK. Serial data from the 68HC11/
68L11 is transmitted in 8-bit bytes with only eight falling clock
edges occurring in the transmit cycle. Data is transmitted MSB
first. To load data to the AD5308/AD5318/AD5328, PC7 is left
low after the first eight bits are transferred, and a second serial
write operation is performed to the DAC. PC7 is taken high at
the end of this procedure.
68HC11/68L11
*ADDITIONAL PINS OMITTED FOR CLARITY
PC7
AD5308/
AD5318/
AD5328*
SYNC
MOSI
SCK
DIN
SCLK
Figure 37. 68HC11/68L11-to-AD5308/AD5318/ AD5328 Interface
80C51/80L51-to-AD5308/AD5318/AD5328
INTERFACE
Figure 38 shows a serial interface between the AD5308/AD5318/
AD5328 and the 80C51/80L51 microcontroller. The setup for
the interface is as follows: TxD of the 80C51/80L51 drives SCLK
of the AD5308/AD5318/AD5328, while RxD drives the serial data
line of the part. The SYNC signal is again derived from a bit
programmable pin on the port. In this case, port line P3.3 is used.
When data is transmitted to the AD5308/AD5318/AD5328, P3.3
is taken low. The 80C51/80L51 transmits data only in 8-bit bytes;
thus, only eight falling clock edges occur in the transmit cycle. To
load data to the DAC, P3.3 is left low after the first eight bits are
transmitted, and a second write cycle is initiated to transmit the
second byte of data. P3.3 is taken high following the completion
of this cycle. The 80C51/80L51 outputs the serial data in a format
that has the LSB first. The AD5308/AD5318/AD5328 requires
its data with the MSB as the first bit received. The 80C51/80L51
transmit routine should take this into account.
80C51/80L51*
*ADDITIONAL PINS OMITTED FOR CLARITY
P3.3
AD5308/
AD5318/
AD5328*
SYNC
RxD
TxD
DIN
SCLK
Figure 38. 80C51/80L51-to-AD5308/AD5318/AD5328 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com