Electronic Components Datasheet Search
  English  ▼

X  

AD5308 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5308
Description  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5308 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5308 Datasheet HTML 16Page - Analog Devices AD5308 Datasheet HTML 17Page - Analog Devices AD5308 Datasheet HTML 18Page - Analog Devices AD5308 Datasheet HTML 19Page - Analog Devices AD5308 Datasheet HTML 20Page - Analog Devices AD5308 Datasheet HTML 21Page - Analog Devices AD5308 Datasheet HTML 22Page - Analog Devices AD5308 Datasheet HTML 23Page - Analog Devices AD5308 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD5308/AD5318/AD5328
Rev. D | Page 22 of 24
0.1
μF
10
μF
GND
DIN
AD5308/AD5318/
AD5328
VOUTB
VOUTC
VOUTD
VOUTE
VOUTF
VOUTG
VOUTH
VOUTA
VREFABCD
VREFEFGH
VDD
VDD
10k
Ω
5V
REGULATOR
SCLK
SYNC
SCLK
VDD
10k
Ω
SYNC
POWER
VDD
10k
Ω
DIN
Figure 42. AD5308/AD5318/AD5328 in an Opto-Isolated Interface
DECODING MULTIPLE AD5308/AD5318/AD5328s
The SYNC pin on the AD5308/AD5318/AD5328 can be used in
applications to decode a number of DACs. In this application,
the DACs in the system receive the same serial clock and serial
data but only the SYNC to one of the devices is active at any one
time, allowing access to four channels in this 16-channel sys-
tem. The 74HC139 is used as a 2-to-4 line decoder to address
any of the DACs in the system. To prevent timing errors from
occurring, the enable input should be brought to its inactive
state while the coded-address inputs are changing state.
Figure 43 shows a diagram of a typical setup for decoding
multiple AD5308 devices in a system.
AD5308
SCLK
DIN
VOUTA
VOUTG
VOUTB
VOUTH
SYNC
DIN
SCLK
AD5308
SCLK
DIN
VOUTA
VOUTG
VOUTB
VOUTH
SYNC
74HC139
1G
1Y0
1Y1
1Y2
1Y3
ENABLE
CODED
ADDRESS
1A
1B
AD5308
SCLK
DIN
VOUTA
VOUTG
VOUTB
VOUTH
SYNC
AD5308
SCLK
DIN
VOUTA
VOUTG
VOUTB
VOUTH
SYNC
VCC
VDD
DGND
Figure 43. Decoding Multiple AD5308 Devices in a System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com