Electronic Components Datasheet Search
  English  ▼

X  

AD5308 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5308
Description  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5308 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5308 Datasheet HTML 14Page - Analog Devices AD5308 Datasheet HTML 15Page - Analog Devices AD5308 Datasheet HTML 16Page - Analog Devices AD5308 Datasheet HTML 17Page - Analog Devices AD5308 Datasheet HTML 18Page - Analog Devices AD5308 Datasheet HTML 19Page - Analog Devices AD5308 Datasheet HTML 20Page - Analog Devices AD5308 Datasheet HTML 21Page - Analog Devices AD5308 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD5308/AD5318/AD5328
Rev. D | Page 18 of 24
Power-Down Mode
The individual channels of the AD5308/AD5318/AD5328 can
be powered down separately. The control mode for this is (10).
On completion of this write sequence, the channels that have
been set to 1 are powered down.
Reset Mode
This mode consists of two possible reset functions, as outlined
in Table 9.
Table 9. Reset Mode
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11 ... 0
Description
1
1
1
0
x ... x
DAC data reset
1
1
1
1
x ... x
Data and control reset
DAC Data Reset: On completion of this write sequence, all
DAC registers and input registers are filled with 0s.
Data and Control Reset: This function carries out a DAC data
reset and resets all the control bits (GAIN, BUF, VDD, LDAC, and
power-down channels) to their power-on conditions.
LOW POWER SERIAL INTERFACE
To minimize the power consumption of the device, the interface
powers up fully only when the device is being written to, that is,
on the falling edge of SYNC. The SCLK and DIN input buffers
are powered down on the rising edge of SYNC.
LOAD DAC INPUT (LDAC) FUNCTION
Access to the DAC registers is controlled by both the LDAC pin
and the LDAC mode bits. The operation of the LDAC function
can be likened to the configuration shown in Figure 35.
LDAC FUNCTION
EXTERNAL LDAC PIN
INTERNAL LDAC MODE
Figure 35. LDAC Function
If the user wishes to update the DAC through software, the
LDAC pin should be tied high and the LDAC mode bits set as
required. Alternatively, if the user wishes to control the DAC
through hardware, that is, the LDAC pin, the LDAC mode bits
should be set to LDAC high (default mode).
Use of the LDAC function enables double-buffering of the DAC
data, and the GAIN, BUF and VDD bits. There are two ways in
which the LDAC function can operate:
Synchronous LDAC: The DAC registers are updated after new
data is read in on the falling edge of the 16th SCLK pulse.
LDAC can be permanently low or pulsed as in Figure 2.
Asynchronous LDAC: The outputs are not updated at the same
time that the input registers are written to. When LDAC goes
low, the DAC registers are updated with the contents of the
input register.
DOUBLE-BUFFERED INTERFACE
The AD5308/AD5318/AD5328 DACs all have double-buffered
interfaces consisting of two banks of registers: input and DAC.
The input registers are connected directly to the input shift
register and the digital code is transferred to the relevant input
register on completion of a valid write sequence. The DAC
registers contain the digital code used by the resistor strings.
When the LDAC pin is high and the LDAC bits are set to (01),
the DAC registers are latched and the input registers can change
state without affecting the contents of the DAC registers. How-
ever, when the LDAC bits are set to (00) or when the LDAC pin
is brought low, the DAC registers become transparent and the
contents of the input registers are transferred to them.
The double-buffered interface is useful if the user requires
simultaneous updating of all DAC outputs. The user can write
up to seven of the input registers individually and then, by
bringing LDAC low when writing to the remaining DAC input
register, all outputs will update simultaneously.
These parts contain an extra feature whereby a DAC register is
not updated unless its input register has been updated since the
last time LDAC was low. Normally, when LDAC is brought low,
the DAC registers are filled with the contents of the input regis-
ters. In the case of the AD5308/AD5318/AD5328, the part
updates the DAC register only if the input register has been
changed since the last time the DAC register was updated,
thereby removing unnecessary digital crosstalk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com