Electronic Components Datasheet Search
  English  ▼

X  

S8AS Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # S8AS
Description  Smart Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8AS Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button S8AS Datasheet HTML 4Page - Omron Electronics LLC S8AS Datasheet HTML 5Page - Omron Electronics LLC S8AS Datasheet HTML 6Page - Omron Electronics LLC S8AS Datasheet HTML 7Page - Omron Electronics LLC S8AS Datasheet HTML 8Page - Omron Electronics LLC S8AS Datasheet HTML 9Page - Omron Electronics LLC S8AS Datasheet HTML 10Page - Omron Electronics LLC S8AS Datasheet HTML 11Page - Omron Electronics LLC S8AS Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
S8AS
8
Engineering Data
Derating Curve
Note: 1. Internal parts may occasionally be deteriorated or
damaged. Do not use the S8AS in areas outside the
derating curve (i.e., in the area shown by shading
A in the
above graph).
2. Use forced cooling if necessary to satisfy the derating curve.
3. For 480-W models, reduce the load to 80% or less for long-
term use at an input voltage of 95 VAC or less.
Abnormal Current Tripping
Standard Detection
Instantaneous Detection
Extended Detection
Tripping Performance
The S8AS detects the current of branch outputs as digital values and
numeric processing is performed to execute cutoff operations.
Refer to Abnormal Current Tripping for the tripping performance. The
following cutoff functions are also provided.
Judgment Type Selection
Standard, instantaneous, or extended can be set as the method for
detecting the tripping current. With the S8AS-24006N/48008N, only
the extended detection is supported. Refer to the S8AS User's
Manual (Cat. No. Z269) for the setting method.
Current Limit
This function is provided to limit excessive short currents, such as
those that can flow for equipment short faults.
Startup Delay
This function is provided to disable cutoff operations for 40 ms after
the branch outputs turn ON so that cutoff operations will not occur for
large inrush currents.
Safety Circuits
Temperature fuses and current fuses are provided for each branch
output to ensure safety even in the unusual event of an internal
failure.
Mounting
Note: 1. The above illustration shows a 240-W model.
2. Poor heat dissipation resulting from improper installation
conditions may occasionally deteriorate or damage internal
parts and also cause the maintenance forecast monitor
function to not operate properly. Do not use any mounting
orientation other than a standard one.
Inrush Current, Startup Time, Output Hold Time
1
120
100
80
60
40
20
0
−10 0
10203040
60
50
70 80
−20
Ambient temperature (
°C)
0.5
20
60
100
3.8
11
16
19
Branch output (A)
Time
(ms)
Tripping region
Setting
range
Current-
limiting by
internal
circuits
Branch output (A)
0.5
20
3.8
19
Time
(ms)
Setting
range
Tripping region
Current-
limiting by
internal
circuits
Branch output (A)
Time
(ms)
0.5
20
60
1,000
3.8
11
16
19
Setting
range
Current-
limiting by
internal
circuits
Tripping region
Standard Mounting
Face-up Mounting
Yrs
A
5
4
3
2
16
V
s
°C
S8AS-24006
POWER SUPPLY
+V
-V
-V
RS485
A(-)
B(+)
50/60Hz AC100-240V 3.8A
INPUT
N
L
5
4
3
2
16
Class2
OUTPUT
DC 24V 3.8A
- 5
- 4
- 3
- 2
- 1
- 6
+ 5
+ 4
+ 3
+ 2
+ 1
+ 6
V.ADJ
DC ON
COM
TMP
TRG
LFE
LOW
TRP
+-
Startup time (3,000 ms max.)
Hold time (20 ms min.)
AC input
voltage
AC input
current
Output
voltage
Inrush current on input application
90%
96.5%
Input ON
Input OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com