Electronic Components Datasheet Search
  English  ▼

X  

S8AS Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # S8AS
Description  Smart Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8AS Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button S8AS Datasheet HTML 16Page - Omron Electronics LLC S8AS Datasheet HTML 17Page - Omron Electronics LLC S8AS Datasheet HTML 18Page - Omron Electronics LLC S8AS Datasheet HTML 19Page - Omron Electronics LLC S8AS Datasheet HTML 20Page - Omron Electronics LLC S8AS Datasheet HTML 21Page - Omron Electronics LLC S8AS Datasheet HTML 22Page - Omron Electronics LLC S8AS Datasheet HTML 23Page - Omron Electronics LLC S8AS Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
S8AS
20
Alarm Display
The S8AS displays alarms according to the parameters set in Setting
Mode. The alarm number and detected value are alternated on the
display for each alarm.
Example: Abnormal Current Tripping Alarm at Branch Output 4
Note: Alarms will be displayed in order of priority if more than one
alarm occurs at the same time.
Order of priority: A10, A12, A11, A23/HOT, A21, A23, A30.
Resetting Alarms
When an alarm is displayed, remove the cause of the alarm and then
press the Reset Key (
) for at least 3 s.
The following display will appear and the alarm will be reset.
For information on resetting alarms, refer to List of Alarms on the
previous page.
Communications (S8AS-24006R/48008R)
The built-in RS-485 port can be used to connect special Support Tool
to set parameters, monitor, perform tripping operations for branch
outputs, and perform other remote monitoring and control operations
from a network.
Support Tool (S8AS-24006R/48008R)
The Support Tool is used to set and monitor models that support
communications. Parameters can be set, operation can be monitored,
and parameter files can be managed.
Support Tool Functions
• Reading and writing parameter settings
• Monitoring present values
• Monitoring status (cutoff status, normal/error status)
Applicable OS: Windows 2000 or XP
Visit OMRON's website for downloading the Support Tool.
0.5 s
0.5 s
Current when
alarm occurred
0.5 s
0.5 s
Yrs
A
5
4
3
2
16
V
s
°C
Yrs
A
5
4
3
2
16
V
s
°C
Yrs
A
5
4
3
2
16
V
s
°C
Note: Indicator Status Notation
Lit
Flashing
Type
RS-485
Communications
method
Half-duplex
Sync method
Start-stop
Baud rate
4,800 or 9,600 bps
Transmitted code
ASCII
Data bit length
7 or 8 bits
Stop bit length
1 or 2 bits
Error detection
Vertical parity and BCC
Parity check
None, even, or odd
Protocol
CompoWay/F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com