Electronic Components Datasheet Search
  English  ▼

X  

S8AS Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # S8AS
Description  Smart Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8AS Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button S8AS Datasheet HTML 6Page - Omron Electronics LLC S8AS Datasheet HTML 7Page - Omron Electronics LLC S8AS Datasheet HTML 8Page - Omron Electronics LLC S8AS Datasheet HTML 9Page - Omron Electronics LLC S8AS Datasheet HTML 10Page - Omron Electronics LLC S8AS Datasheet HTML 11Page - Omron Electronics LLC S8AS Datasheet HTML 12Page - Omron Electronics LLC S8AS Datasheet HTML 13Page - Omron Electronics LLC S8AS Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
S8AS
Chart 1: Operation Timing
Chart 2: Operation Timing
Alarm Functions
Note: 1. Branch outputs are not cut off for the alarm functions
2. The voltage detection is performed on the voltage after AC/DC conversion in the interval circuits. The displayed voltage will be somewhat
different from the value at the output terminals of the power source due to internal voltage drop. To confirm correct output voltages,
measure the voltages at the branch output terminals.
Chart 3: Operation Timing
28.8 V (Abnormal voltage tripping)
20 V (undervoltage detection)
0
24 V (Rated)
Alarm display
Tripping alarm output
*
Reset
Undervoltage detection output
*
(Fixed)
(Settable)
100 ms
t
A21
A10
20 ms
* The undervoltage detection output and tripping alarm
output are both photoswitch outputs. The output is
normally ON and turns OFF when an alarm is detected.
t
(Settable)
3.8 A (Abnormal current tripping)
3.0 A (Normal current)
0
Alarm display
Tripping alarm output
*
Within 20 ms for instantaneous detection
and 100 ms for standard detection, or
within 1000 ms for extended
detection (depends on tripping type).
A11
* The tripping alarm output is a photoswitch output.
The output is normally ON and turns OFF when
an alarm is detected.
Function
Operation
Undervoltage
detection output
(Refer to Chart 1.)
*1, *2
The voltage is monitored and notification is provided using the alarm display and output (LOW) if the preset voltage is
exceeded for more than 80 ms. The alarm display will alternate between the voltage and the alarm code (A21). The primary
voltage is measured at the input terminals.
Undervoltage detection threshold setting range: 18.0 to 26.4 V in 0.1-V increments.The S8AS-24006N and S8AS-48008N are
set to 20.0 V. (Cannot be changed.)
Maintenance
forecast monitor
*1
The time that the power is ON is calculated as the S8AS run time and notification is provided using the alarm display and
maintenance forecast monitor output (LFE) if the preset time is reached. The alarm display will alternate between the run time
and the alarm code (A23).
Display range: FUL (Full), HLF (Half), or 0.0 to 5.0 years.
Over-temperature
(Refer to Chart 3.)
*1
The internal temperature of the S8AS is monitored using a built-in temperature sensor and notification is provided using the
alarm display and over-temperature output (TMP) if the preset temperature is exceeded for more than 1 s. The alarm display
will alternate between the temperature and the alarm code (A30). The over-temperature output is convenient for control
operations, such as operating a cooling fan to suppress temperature increased in the control panel.
Note: The alarm display and over-temperature output are automatically cleared if the temperature falls below the set
temperature.
Display range:
−20 to 100°C in 1°C increments.
Temperature setting range: 25 to 90
°C in 1°C increments.
(Settable)
t
0
A30
A30
A30
Temperature
*
Alarm display
50
°C
Temperature
* The alarm display and over-temperature output are automatically
cleared (with hysteresis). The over-temperature output is a
photoswitch output. It is normally ON and turns OFF when an
alarm is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com