Electronic Components Datasheet Search
  English  ▼

X  

S8AS Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # S8AS
Description  Smart Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8AS Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button S8AS Datasheet HTML 13Page - Omron Electronics LLC S8AS Datasheet HTML 14Page - Omron Electronics LLC S8AS Datasheet HTML 15Page - Omron Electronics LLC S8AS Datasheet HTML 16Page - Omron Electronics LLC S8AS Datasheet HTML 17Page - Omron Electronics LLC S8AS Datasheet HTML 18Page - Omron Electronics LLC S8AS Datasheet HTML 19Page - Omron Electronics LLC S8AS Datasheet HTML 20Page - Omron Electronics LLC S8AS Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17
S8AS
Setting Mode
Setting Mode is used to set S8AS parameters. Settings can be read or changed while operation continues.
The various parameters can be selected as shown below.
Abnormal Current Tripping Type (
*1)
Abnormal Current Tripping Value
Undervoltage alarm
Maintenance forecast monitor
Over-temperature Output
Startup Sequence (
*1)
Unit No.
Communications Settings (
*1, *5)
Bit Length
Stop Bits
Parity
Send Wait Time
Reset method
*1
Baud Rate
Unit number setting (0 to 31)
Baud rate setting
48: 4,800 bps, 96: 9,600 bps
Bit length setting (7 or 8)
Stop bit setting (1 or 2)
Parity setting
non: None, evn: Even, odd: Odd
Send wait time setting
0 to 999 ms
Reset method setting
KEY: Clear errors using the Reset Key (RST)
ALL: Clear errors using the Reset Key (RST) or
by turning the power OFF and ON again.
C-V
C-T
V-U
LFE
TMP
UPS
UNO
BPS
LEN
BIT
PTY
SWT
RST
Branch output selection
Branch output selection
Branch output selection
Branch output selection
Shutdown Sequence (
*1)
DWS
External tripping
Tripping trigger type setting: EGE/LVL
Branch output selection
External tripping (
*1)
Enables (ON) or disables (OFF) the external
tripping input function.
TRG
TGS
Tripping trigger type selection (
*1)
The current at which a branch output is cut off
Setting range: 0.5 to 3.8 A.
The branch output will be cut off if the value set here is
exceeded.
The replacement time for the S8AS is calculated from the
operating time and internal temperature. The maintenance
forecast monitor output will operate when the replacement
time falls below the value set here.
Setting range: 0.0 to 5.0 years
The undervoltage alarm will be output if the voltage drops
below this threshold value.
Setting range: 18.0 to 26.4 V
An alarm will be output if the value set here is exceeded.
The temperature at which an signal is output.
Setting range: 25 to 90°C
An over-temperature signal will be output if the value set
here is exceeded.
Enable/disable the startup sequence and set the time for
each branch output.
Time setting range: 0.0 to 99.9 s (
*3)
Enable/disable the shutdown sequence and set the time
for each branch output.
Time setting range: 0.0 to 99.9 s (
*4)
Detection settings for currents to cut off branch outputs
Standard detection/instantaneous detection (
*2)
Note: 1. Parameters cannot be changed in protection level 2, or
when using the S8AS-24006N or S8AS-48008N.
2. The S8AS will start in Run Mode when power is turned
ON for the first time after shipping from the factory.
3. Refer to the S8AS User's Manual (Cat. No. Z269),
when having further settings.
*1. Not displayed in protection level 1 or 2.
*2. The S8AS-24006N and S8AS-48008N use Extended
Detection. (Cannot be changed.)
*3. The S8AS-24006N and S8AS-48008N use a startup
sequence using an offset of 0.4 s starting with the first
branch output. (Cannot be changed.)
*4. The shutdown sequence shutdown delay on the S8AS-
24006N and S8AS-48008N is set at 0.0 s. (Cannot be
changed.)
*5. Communications settings will not be displayed on models
that do not have communications functions.
Setting Parameters
Parameters are set as shown below.
Example for Setting the Abnormal Current Tripping Value
Use
and
to change the set value.
After flashing
for 3 s
After no key
operations
for 3 s
Set value saved (flashes for 3 s).
When finished, press
to save the set value.
Yrs
A
5
4
3
2
16
V
s
°C
Yrs
A
5
4
3
2
16
V
s
°C
Yrs
A
5
4
3
2
16
V
s
°C
Indicator Status Notation
Lit
Flashing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com