Electronic Components Datasheet Search
  English  ▼

X  

S8AS Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # S8AS
Description  Smart Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8AS Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button S8AS Datasheet HTML 11Page - Omron Electronics LLC S8AS Datasheet HTML 12Page - Omron Electronics LLC S8AS Datasheet HTML 13Page - Omron Electronics LLC S8AS Datasheet HTML 14Page - Omron Electronics LLC S8AS Datasheet HTML 15Page - Omron Electronics LLC S8AS Datasheet HTML 16Page - Omron Electronics LLC S8AS Datasheet HTML 17Page - Omron Electronics LLC S8AS Datasheet HTML 18Page - Omron Electronics LLC S8AS Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
S8AS
15
Mode Descriptions
The S8AS supports a Run Mode, Setting Mode, and Test Mode.
Note: Refer to the S8AS User's Manual (Cat. No. Z269) for details.
* The S8AS-24006N and S8AS-48008N do not have a Setting Mode.
Initial Setting Procedure after Purchase
The following diagram illustrates mode transitions for the S8AS.
When the S8AS is turned ON for the first time, it will enter Setting
Mode. After changing to Setting Mode, set the initial setting for each
parameter, and then switch to Test Mode or Run Mode.
Mode Selection Menu
Go to Setting Mode to change any of the default parameter settings.
Operation may be restricted by the protection level, preventing
changes to some parameters. If necessary, change the protection
level.
Refer to the User's Manual for details on parameters and restrictions
for the protection levels.
Run Mode
Used for normal operation.
The measurements for the output voltage, output
current, replacement time, and internal
temperature can be read on the seven-segment
display.
Setting Mode
* Used to set or change S8AS parameters.
Test Mode
Used to test operation for devices connected to
the S8AS.
*1
*1
*1, *2
Setting Mode
*1. Not displayed for the S8AS-24006N/48008N.
*2. Initialize Parameters is displayed only in protection level 0.
*3. If the Mode Selection Menu is entered in Test Mode and then the power is
turned OFF before entering another operating mode, the S8AS will start in
Test Mode the next time it is started.
Mode Selection Menu
Select Run Mode
run (RUN)
Select Setting Mode
set (SET)
Select Test Mode
tst (TST)
Select Protection Level
prt (PRT)
Initialize Parameters
ini (INI)
Press for 3 s.
Press for 3 s.
Press for 3 s.
Test Mode
Run Mode
Power ON
• When newly
purchased.
• S8AS was not in
Test Mode when
power went OFF.
S8AS was in
Test Mode
when power
went OFF.
*3
(1) Run Mode (RUN)
(2) Setting Mode (SET)
(3) Test Mode (TST)
(4) Protection Level
(PRT)
(5) Initialize Parameters
(INI)
((1) Switches to
RUN Mode display.)
(2) Setting Mode is used to set parameters.
(1) In Run Mode, the current for each branch output, the total output
current, the output voltage, the replacement time, the internal
temperature, and other values can be displayed.
Use this mode for operation once initial settings and system
adjustments have been completed.
(3) Test Mode enables forcing branch outputs ON and OFF.
Connections and cutoffs can be manipulated for all outputs for each
branch output. By default, all outputs will be ON (connected).
Use this mode to set unused branch outputs to OFF (not connected).
(4) Protection Level can be used to set restrictions for setting
parameters.
Three levels, levels 0, 1, and 2, are available. The default is level 1.
Refer to the User's Manual for the parameters that are protected in
each level.
(5) Parameters can be initialized to return all parameters to their default
settings.
The Initialize Parameters is not displayed in the default protection
level (level 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com