Electronic Components Datasheet Search
  English  ▼

X  

S8AS Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # S8AS
Description  Smart Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8AS Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button S8AS Datasheet HTML 12Page - Omron Electronics LLC S8AS Datasheet HTML 13Page - Omron Electronics LLC S8AS Datasheet HTML 14Page - Omron Electronics LLC S8AS Datasheet HTML 15Page - Omron Electronics LLC S8AS Datasheet HTML 16Page - Omron Electronics LLC S8AS Datasheet HTML 17Page - Omron Electronics LLC S8AS Datasheet HTML 18Page - Omron Electronics LLC S8AS Datasheet HTML 19Page - Omron Electronics LLC S8AS Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16
S8AS
Run Mode
Run Mode is used for normal operation. When the power is turned ON
and the mode was Run Mode or Setting Mode the last time the input
power was turned OFF, the S8AS will start in Run Mode and
connecting the branch outputs will be started. Monitoring of voltages,
currents, replacement time, and temperature can be confirmed using
the Up Key and Down Key (
/
).
Note: 1. The S8AS will start in Run Mode when power is turned ON
for the first time after shipping from the factory.
2. Settings cannot be changed in Run Mode. Use Setting
Mode to change settings. (The setting for the S8AS-24006N
and S8AS-48008N can not be changed.)
3. If a startup sequence has been set, connections will be
started according to the set delays.
4. When moving to Run Mode, the branch output ON/OFF
status from before entering Run Mode will be maintained.
After testing branch output operation in Test Mode, always
turn ON the required branch outputs before moving to Run
Mode.
5. The voltage detection function monitors the voltage at the
power input terminals. Measure the voltage at the branch
output terminals to confirm that the output voltage is correct.
Status Indicators
The status indicators light according to the branch output status as
described below.
Clearing the Peak Output Currents
The peak output currents can be cleared. Select the peak output
current to be cleared in Run Mode and then use the following
operation.
(1) Output Voltage
(2) Total Output
Current
(3) Present Output
Current for
Branch Output 1
*1
(4) Peak Current for
Branch Output 2
(5) Replacement
Time
(6) Internal
Temperature
Flashing
Yrs
A
5
4
3
2
16
V
s
°C
Yrs
A
5
4
3
2
16
V
s
°C
Yrs
A
5
4
3
2
16
V
s
°C
Yrs
A
5
4
3
2
16
V
s
°C
Yrs
A
5
4
3
2
16
V
s
°C
Yrs
A
5
4
3
2
16
V
s
°C
(Select the branch output with the
Down (CH) Key.))
(Select the branch output with the
Down (CH) Key.))
((1) Switches to output voltage display.)
(2) The total current for all outputs is displayed.
(6) Displays the internal temperature.
Press the Up (SEL) Key again to return to the
output voltage display and start the display
cycle again.
(1) When Run Mode is entered, the parameter
that was displayed the last time Run Mode
was used will be displayed.
The voltage output display is shown at the
left as an example.
(5) Displays the estimated number of years
until the replacement time.
(4) Press the Up (SEL) Key to display the peak
current for the branch output displayed in step 2
(e.g., branch output 2). The “A” unit indicator will
flash while the peak current is being displayed.
The peak current can be cleared by performing
the following procedure while the peak current is
being displayed.
1. Press the ENT Key.
2. Change the “NO” display to the “YES”
display using the Up (SEL) Key.
3. Press the ENT Key again.
(3) The output current of the last branch output
that was set will be displayed regardless of
the operating mode.
The current output of the branch output 1 is
shown at the left.
The current output of the branch output 2 is
shown by pressing the Down (CH) Key.
*The branch output number set with the Down
(CH) Key is stored in memory even when the
operating mode or parameters are changed.
The branch output displayed when Test Mode is
entered will not necessarily be branch output 1.
Lit green
Normal connection status
Flashing
green
Connection standby status during the startup
sequence
Lit red
Cutoff status for an abnormality
Flashing red
Cutoff status for an internal abnormality
Not lit
Forced cutoff or operation stopped
Yrs
A
5
4
3
2
16
V
s
°C
S8AS-24006
POWER SUPPLY
+V
-V
-V
RS485
A(-)
B(+)
50/60Hz AC100-240V 3.8A
INPUT
N
L
5
4
3
2
16
Class2
OUTPUT
DC 24V 3.8A
- 5
- 4
- 3
- 2
- 1
- 6
+ 5
+ 4
+ 3
+ 2
+ 1
+ 6
V.ADJ
DC ON
COM
TMP
TRG
LFE
LOW
TRP
+-
Status Indicators
Peak Output Current
Display
Clearing completed.
Waiting display, 1 s
After flashing for 3 s
Yrs
A
5
4
3
2
16
V
s
°C
Yrs
A
5
4
3
2
16
V
s
°C
Yrs
A
5
4
3
2
16
V
s
°C
Yrs
A
5
4
3
2
16
V
s
°C
Yrs
A
5
4
3
2
16
V
s
°C
or 3 s with
no key
operations
Set value saved
(flashes for 3 s)
Indicator Status Notation
Lit
Flashing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com