Electronic Components Datasheet Search
  English  ▼

X  

S8AS Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # S8AS
Description  Smart Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8AS Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button S8AS Datasheet HTML 2Page - Omron Electronics LLC S8AS Datasheet HTML 3Page - Omron Electronics LLC S8AS Datasheet HTML 4Page - Omron Electronics LLC S8AS Datasheet HTML 5Page - Omron Electronics LLC S8AS Datasheet HTML 6Page - Omron Electronics LLC S8AS Datasheet HTML 7Page - Omron Electronics LLC S8AS Datasheet HTML 8Page - Omron Electronics LLC S8AS Datasheet HTML 9Page - Omron Electronics LLC S8AS Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
S8AS
6
Connections
Block Diagrams
Fuse:
8 A
AC (L)
AC (N)
INPUT
RS-485
A (
−)
B (
+)
COM
TRG
+
TRG
−
TRP
Rectification
and smoothing
Rectification
and smoothing
Cutoff
circuit
Thermal
fuse
Current-
detection
resistor
Current-
detection
resistor
Cutoff circuit
Branch output 1
Branch output 2
Branch output 3
Branch output 4
Branch output 5
Branch output 6
Communications between
processing circuits (RS-232C)
Processing circuit
(main processing)
Voltage
detection
Temperature
detection
Switches
Display
circuit
Current
fuse
+V
−V
−V
SCREW (M4)
DC OUTPUT
LOW
TMP
LFE
(S8AS-24006R only)
SCREW (M3.5)
Noise
filter
Drive control
circuit
Photocoupler
Power supply
detection
Voltage-ON
detection
Rectifi-
cation
Inrush
current
limit
Harmonic
current
control
Smooth-
ing
Processing circuit
(replacement time)
Communications
circuit
Current
limiting
circuit
S8AS-24006
@
AC (L)
AC (N)
INPUT
Drive
circuit
Auxiliary power
supply circuit
Branch output 7
Branch output 8
+V
−V
−V
SCREW (M4)
DC OUTPUT
COM
TRG
+
TRG
−
TRP
LOW
TMP
LFE
RS-485
A (
−)
B (
+)
(S8AS-48008R only)
SCREW (M3.5)
Control
circuits
Process-
ing
circuit
Voltage detection
Current detection
Current-ON detection
Fuse:
12 A
Rectification
and smoothing
Rectification
and smoothing
Cutoff
circuit
Thermal
fuse
Current-
detection
resistor
Current-
detection
resistor
Cutoff circuit
Branch output 1
Branch output 2
Branch output 3
Branch output 4
Branch output 5
Branch output 6
Communications between
processing circuits (RS-232C)
Processing circuit
(main processing)
Voltage
detection
Temperature
detection
Switches
Display
circuit
Current fuse
Noise
filter
Voltage-ON
detection
Rectifi-
cation
Inrush
current
limit
Harmonic
current
control
Smooth-
ing
Communications
circuit
Current
limiting
circuit
S8AS-48008
@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com