Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54521 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54521 Datasheet HTML 1Page - Texas Instruments TPS54521 Datasheet HTML 2Page - Texas Instruments TPS54521 Datasheet HTML 3Page - Texas Instruments TPS54521 Datasheet HTML 4Page - Texas Instruments TPS54521 Datasheet HTML 5Page - Texas Instruments TPS54521 Datasheet HTML 6Page - Texas Instruments TPS54521 Datasheet HTML 7Page - Texas Instruments TPS54521 Datasheet HTML 8Page - Texas Instruments TPS54521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TPS54521
SLVS981 – JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
TJ= –40°C to 125°C, VIN = 4.5V to 17V, PVIN = 1.6V to 17V (unless otherwise noted)
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN AND PVIN PINS)
PVIN operating input voltage
1.6
17
V
VIN operating input voltage
4.5
17
V
VIN internal UVLO threshold
VIN rising
4.0
4.5
V
VIN internal UVLO hysteresis
150
mV
VIN shutdown supply Current
EN = 0 V
2
5
mA
VIN operating – non switching supply current
VSENSE = 810 mV
600
800
mA
ENABLE AND UVLO (EN PIN)
Enable threshold
Rising
1.21
1.26
V
Enable threshold
Falling
1.10
1.17
V
Input current
EN = 1.1 V
1.15
mA
Hysteresis current
EN = 1.3 V
3.4
mA
VOLTAGE REFERENCE
Voltage reference
0 A
≤ Iout ≤ 5 A
0.776
0.800
0.824
V
MOSFET
High-side switch resistance(1)
BOOT-PH = 3 V
74
105
m
Ω
High-side switch resistance(1)
BOOT-PH = 6 V
57
95
m
Ω
Low-side Switch Resistance(1)
VIN = 12 V
50
82
m
Ω
ERROR AMPLIFIER
Error amplifier Transconductance (gm)
–2 mA < ICOMP < 2 mA, V(COMP) = 1 V
1300
mMhos
Error amplifier dc gain
VSENSE = 0.8 V
1000
3100
V/V
Error amplifier source/sink
V(COMP) = 1 V, 100 mV input overdrive
±110
mA
Start switching threshold
0.25
V
COMP to Iswitch gm
12
A/V
CURRENT LIMIT
High-side switch current limit threshold
7
9
A
Low-side switch sourcing current limit
6
8
A
Low-side switch sinking current limit
1
2.6
A
Hiccup wait time before triggering hiccup
512
cycles
Hiccup time before restart
16384
cycles
(1)
Measured at pins
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com