Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54521 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 27Page - Texas Instruments TPS54521 Datasheet HTML 28Page - Texas Instruments TPS54521 Datasheet HTML 29Page - Texas Instruments TPS54521 Datasheet HTML 30Page - Texas Instruments TPS54521 Datasheet HTML 31Page - Texas Instruments TPS54521 Datasheet HTML 32Page - Texas Instruments TPS54521 Datasheet HTML 33Page - Texas Instruments TPS54521 Datasheet HTML 34Page - Texas Instruments TPS54521 Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
TPS54521
www.ti.com
SLVS981 – JUNE 2010
Thermal Performance
Figure 56. Thermal Signature of Example Circuit Operating at
VIN=12V,VOUT=3.3V/5A, TA = Room Temperature
Table 2. Bill of Materials
COUNT
RefDes
Value
Description
Size
Part Number
MFR
1
C2
10µF
Capacitor, Ceramic, 25V, X5R, 20%
1210
Std
Std
1
C3
4.7µF
Capacitor, Ceramic, 25V, X5R, 10%
0805
Std
Std
1
C4
5600pF
Capacitor, Ceramic, 50V, X7R, 10%
0603
Std
Std
1
C5
0.1µF
Capacitor, Ceramic, 16V, X7R, 10%
0603
Std
Std
1
C6
560pF
Capacitor, Ceramic, 50V, C0G, 5%
0603
Std
Std
1
C7
0.01µF
Capacitor, Ceramic, 10V, X7R, 10%
0603
Std
Std
1
C8
10µF
Capacitor, Ceramic, 10V, X5R, 10%
0805
Std
Std
Capacitor, Alum Electrolytic 6.3 V, 125mOhm
EKZE6R3ELL33
1
C9
330µF
6.30 mm Dia
Chemi-con
ESR, ±20%
1MF11D
1
C11
100pF
Capacitor, Ceramic, 50V, C0G, 5%
0603
Std
Std
1
L1
3.3µH
Inductor, 12mOhm DCR, 7.5A, ± 20%
0.300 Dia. inch
DR0608-332L
Coilcraft
1
R1
511K
Resistor, Chip, 1/16W, 1%
0603
Std
Std
2
R2, R3
100K
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R4
38.3K
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R7
51.1
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R8
31.6K
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R9
10.0K
Resistor, Chip, 1/16W, 1%
0603
Std
Std
IC, 17V Input, 5A Output, Sync. Step Down
1
U1
TPS54521RHL
QFN14
TPS54521RHL
TI
Switcher With Integrated FET
PCB Layout Guidelines
Layout is a critical portion of good power supply design. See Figure 57 for a PCB layout example. The top layer
contains the main power traces for VIN, VOUT, and the PH node. Also on the top layer are connections for the
remaining pins of the TPS54521 and a large top side area filled with ground. The top layer ground area should
be connected to the internal ground layer(s) using vias at the input bypass capacitor, the output filter capacitor
and directly under the TPS54521 device to provide a thermal path from the exposed thermal pad land to ground.
The GND pin should be tied directly to the exposed thermal pad under the IC. For operation at full rated load, the
top side ground area together with the internal ground plane, must provide adequate heat dissipating area. There
are several signals paths that conduct fast changing currents or voltages that can interact with stray inductance
or parasitic capacitance to generate noise or degrade the power supply's performance. To help eliminate these
problems, the PVIN pin should be bypassed to ground with a low ESR ceramic bypass capacitor with X5R or
X7R dielectric. Care should be taken to minimize the loop area formed by the bypass capacitor connections, the
PVIN pins, and the ground connections. The VIN pin must also be bypassed to ground using a low ESR ceramic
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s) :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com