Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54521 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 18Page - Texas Instruments TPS54521 Datasheet HTML 19Page - Texas Instruments TPS54521 Datasheet HTML 20Page - Texas Instruments TPS54521 Datasheet HTML 21Page - Texas Instruments TPS54521 Datasheet HTML 22Page - Texas Instruments TPS54521 Datasheet HTML 23Page - Texas Instruments TPS54521 Datasheet HTML 24Page - Texas Instruments TPS54521 Datasheet HTML 25Page - Texas Instruments TPS54521 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
(
)
1
C11
2
R8 fc
=
×
×
×
p
TPS54521
SLVS981 – JUNE 2010
www.ti.com
(17)
APPLICATION INFORMATION
Design Guide – Step-By-Step Design Procedure
This example details the design of a low cost, high frequency switching regulator using an aluminum
electrolytic output capacitor and Type III frequency compensation. A few parameters must be known in order
to start the design process. These parameters are typically determined at the system level. For this example,
we start with the following known parameters:
Table 1.
Parameter
Value
Output Voltage
3.3 V
Output Current
5 A
Transient Response 5A load step
ΔVout = 3 %
Input Voltage
12 V nominal, 8 V to 17 V
Output Voltage Ripple
2% (66 mV p-p)
Start Input Voltage (Rising Vin)
6.806 V
Stop Input Voltage (Falling Vin)
4.824 V
Switching Frequency
480 kHz
Typical Application Schematic
The application schematic of Figure 34 was developed to meet the requirements above. The design procedure is
given in this section. For more information about Type II and Type III frequency compensation circuits, see
Designing Type III Compensation for Current Mode Step-Down Converters (SLVA352) and
Design Calculator (SLVC219).
Figure 34. Typical Application Circuit
Operating Frequency
The first step is to decide on a switching frequency for the regulator. There is a trade off between higher and
lower switching frequencies. Higher switching frequencies may produce a smaller solution size using lower
valued inductors and smaller output capacitors compared to a power supply that switches at a lower frequency.
However, the higher switching frequency causes additional switching losses, which hurt the converter’s efficiency
and thermal performance. In this design, a moderate switching frequency of 480 kHz is selected to achieve both
a small solution size and a high efficiency operation. This frequency is set using the resistor at the RT/CLK pin
(R3). Using Equation 4, the resistance required for a switching frequency of 480 kHz is 103 k
Ω. A 100 kΩ
resistor is used for this design.
22
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com