Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54521 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 16Page - Texas Instruments TPS54521 Datasheet HTML 17Page - Texas Instruments TPS54521 Datasheet HTML 18Page - Texas Instruments TPS54521 Datasheet HTML 19Page - Texas Instruments TPS54521 Datasheet HTML 20Page - Texas Instruments TPS54521 Datasheet HTML 21Page - Texas Instruments TPS54521 Datasheet HTML 22Page - Texas Instruments TPS54521 Datasheet HTML 23Page - Texas Instruments TPS54521 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
VOUT
RESR
CO
R L
VC
gm ps
VOUT
RESR
CO
RL
VC
gm ps
fp
fz
Adc
s
1 +
2
z
VOUT
= Adc
VC
s
1 +
2
p
æ
ö
ç
÷
´ ¦
è
ø
´
æ
ö
ç
÷
´ ¦
è
ø
p
p
ps
L
Adc = gm
R
´
O
L
1
p =
C
R
2
¦
´
´
p
O
ESR
1
z =
C
R
2
¦
´
´
p
TPS54521
SLVS981 – JUNE 2010
www.ti.com
modulator) supplying current to the output capacitor and load resistor. The control to output transfer function is
shown in Equation 10 and consists of a dc gain, one dominant pole and one ESR zero. The quotient of the
change in switch current and the change in COMP pin voltage (node c in Figure 30) is the power stage
transconductance (gmps) which is 12 A/V for the device. The DC gain of the power stage is the product of gmps
and the load resistance (RL), as shown in Equation 11 with resistive loads. As the load current increases, the DC
gain decreases. This variation with load may seem problematic at first glance, but fortunately the dominant pole
moves with load current (see Equation 12). The combined effect is highlighted by the dashed line in Figure 32.
As the load current decreases, the gain increases and the pole frequency lowers, keeping the 0-dB crossover
frequency the same for the varying load conditions which makes it easier to design the frequency compensation.
Figure 31. Simplified Small Signal Model for Peak Current Mode Control
Figure 32. Simplified Frequency Response for Peak Current Mode Control
(10)
(11)
(12)
(13)
Where
20
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com