Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54521 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 15Page - Texas Instruments TPS54521 Datasheet HTML 16Page - Texas Instruments TPS54521 Datasheet HTML 17Page - Texas Instruments TPS54521 Datasheet HTML 18Page - Texas Instruments TPS54521 Datasheet HTML 19Page - Texas Instruments TPS54521 Datasheet HTML 20Page - Texas Instruments TPS54521 Datasheet HTML 21Page - Texas Instruments TPS54521 Datasheet HTML 22Page - Texas Instruments TPS54521 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
VSENSE
COMP
VOUT
R8
R4
C4
C6
R9
Coea
Roea
gm
1300 mA/V
0.8 V
Power Stage
PH
RESR
CO
RL
b
a
c
12 A/V
TPS54521
www.ti.com
SLVS981 – JUNE 2010
During normal operation, the device implements current mode control which uses the COMP pin voltage to
control the turn off of the high-side MOSFET and the turn on of the low-side MOSFET, on a cycle by cycle basis.
Each cycle, the switch current and the current reference generated by the COMP pin voltage are compared.
When the peak switch current intersects the current reference, the high-side switch is turned off.
Low-side MOSFET overcurrent protection
While the low-side MOSFET is turned on, its conduction current is monitored by the internal circuitry. During
normal operation, the low-side MOSFET sources current to the load. At the end of every clock cycle, the low-side
MOSFET sourcing current is compared to the internally set low-side sourcing current limit. If the low-side
sourcing current is exceeded, the high-side MOSFET is not turned on and the low-side MOSFET stays on for the
next cycle. The high-side MOSFET is turned on again when the low-side current is below the low-side sourcing
current limit at the start of a cycle.
The low-side MOSFET may also sink current from the load. If the low-side sinking current limit is exceeded, the
low-side MOSFET is turned off immediately for the rest of that clock cycle. In this scenario both MOSFETs are
off until the start of the next cycle.
Furthermore, if an output overload condition (as measured by the COMP pin voltage) has lasted for more than
the hiccup wait time which is programmed for 512 switching cycles, the device will shut down itself and restart
after the hiccup time which is set for 16384 cycles. The hiccup mode helps to reduce the device power
dissipation under severe overcurrent conditions.
Thermal Shutdown
The internal thermal shutdown circuitry forces the device to stop switching if the junction temperature exceeds
150°C typically. The device reinitiates the power up sequence when the junction temperature drops below 145°C
typically.
Small Signal Model for Loop Response
Figure 30 shows an equivalent model for the device's control loop which can be modeled in a circuit simulation
program to check frequency response and transient responses. The error amplifier is a transconductance
amplifier with a gm of 1300mA/V. The error amplifier can be modeled using an ideal voltage controlled current
source. The resistor Roea (2.38 M
Ω) and capacitor Coea (20.7 pF) model the open loop gain and frequency
response of the error amplifier. The 1-mV ac voltage source between the nodes a and b effectively breaks the
control loop for the frequency response measurements. Plotting a/c and c/b show the small signal responses of
the power stage and frequency compensation respectively. Plotting a/b shows the small signal response of the
overall loop. The dynamic loop response can be checked by replacing the RL with a current source with the
appropriate load step amplitude and step rate in a time domain analysis.
Figure 30. Small Signal Model for Loop Response
Simple Small Signal Model for Peak Current Mode Control
Figure 31 is a simple small signal model that can be used to understand how to design the frequency
compensation. The device's power stage can be approximated to a voltage controlled current source (duty cycle
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s) :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com