Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54521 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 27Page - Texas Instruments TPS54521 Datasheet HTML 28Page - Texas Instruments TPS54521 Datasheet HTML 29Page - Texas Instruments TPS54521 Datasheet HTML 30Page - Texas Instruments TPS54521 Datasheet HTML 31Page - Texas Instruments TPS54521 Datasheet HTML 32Page - Texas Instruments TPS54521 Datasheet HTML 33Page - Texas Instruments TPS54521 Datasheet HTML 34Page - Texas Instruments TPS54521 Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
RT/CLK
GND
PVIN
VIN
VSENSE
COMP
SS/TR
EN
PH
BOOT
PWRGD
GND
PVIN
PH
PH
EXPOSED THERMAL
PAD AREA
COMPENSATION
NETWORK
BOOT
CAPACITOR
PVIN
INPUT
BYPASS
CAPACITOR
VOUT
TOPSIDE
GROUND
AREA
VIA toGroundPlane
OUTPUT
INDUCTOR
OUTPUT
FILTER
CAPACITOR
FREQUENCY SET RESISTOR
SLOWSTART
CAPACITOR
ANALOGGROUND TRACE
VIN
INPUT
BYPASS
CAPACITOR
VIN
PVIN
UVLOSET
RESISTORS
FEEDBACK
RESISTORS
EtchUnderComponent
0.010in.Diameter
ThermalVIA toGroundPlane
TPS54521
SLVS981 – JUNE 2010
www.ti.com
capacitor with X5R or X7R dielectric. Make sure to connect this capacitor to the quiet analog ground trace rather
than the power ground trace of the PVIN bypass capacitor. Since the PH connection is the switching node, the
output inductor should be located close to the PH pins, and the area of the PCB conductor minimized to prevent
excessive capacitive coupling. The output filter capacitor ground should use the same power ground trace as the
PVIN input bypass capacitor. Try to minimize this conductor length while maintaining adequate width. The small
signal components should be grounded to the analog ground path as shown. The RT/CLK pin is sensitive to
noise so the RT resistor should be located as close as possible to the IC and routed with minimal lengths of
trace. The additional external components can be placed approximately as shown. It may be possible to obtain
acceptable performance with alternate PCB layouts. However, this layout has been shown to produce good
results and is meant as a guideline.
Figure 57. PCB Layout
Estimated Circuit Area
The estimated printed circuit board area for the components used in the design of Figure 34 is 0.38 in2 (246
mm2). This area does not include test points or connectors.
32
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com