Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6441 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6441
Description  Digital Media System-on-Chip
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6441 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320DM6441 Datasheet HTML 2Page - Texas Instruments TMS320DM6441 Datasheet HTML 3Page - Texas Instruments TMS320DM6441 Datasheet HTML 4Page - Texas Instruments TMS320DM6441 Datasheet HTML 5Page - Texas Instruments TMS320DM6441 Datasheet HTML 6Page - Texas Instruments TMS320DM6441 Datasheet HTML 7Page - Texas Instruments TMS320DM6441 Datasheet HTML 8Page - Texas Instruments TMS320DM6441 Datasheet HTML 9Page - Texas Instruments TMS320DM6441 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 232 page
background image
Contents
TMS320DM6441
Digital Media System-on-Chip
SPRS359D – SEPTEMBER 2006 – REVISED MARCH 2008
www.ti.com
7.2
Recommended Clock and Control Signal Transition
1
Digital Media System-on-Chip (DMSoC)
............ 1
Behavior
............................................. 89
1.1
Features
.............................................. 1
7.3
Power Supplies
...................................... 89
1.2
Description
............................................ 3
7.4
Reset
................................................ 99
1.3
Functional Block Diagram
............................ 5
7.5
External Clock Input From MXI/CLKIN Pin
........ 102
2
Revision History
......................................... 7
7.6
Clock PLLs
......................................... 105
3
Device Overview
......................................... 9
7.7
Interrupts
........................................... 112
3.1
Device Characteristics
................................ 9
7.8
General-Purpose Input/Output (GPIO)
............. 119
3.2
Device Compatibility
................................. 10
7.9
Enhanced Direct Memory Access (EDMA)
3.3
ARM Subsystem
.................................... 10
Controller
........................................... 122
3.4
DSP Subsystem
..................................... 14
7.10
External Memory Interface (EMIF)
................. 134
3.5
Memory Map Summary
............................. 18
7.11
ATA/CF
............................................ 142
3.6
Pin Assignments
.................................... 22
7.12
MMC/SD/SDIO
..................................... 155
3.7
Terminal Functions
.................................. 26
7.13
Video Processing Sub-System (VPSS) Overview
. 157
3.8
Device Support
...................................... 57
7.14
USB 2.0
............................................ 179
4
Device Configurations
................................. 60
7.15
Universal Asynchronous Receiver/Transmitter
4.1
System Module Registers
........................... 60
(UART)
............................................. 189
4.2
Power Considerations
............................... 60
7.16
Serial Port Interface (SPI)
.......................... 192
4.3
Bootmode
........................................... 61
7.17
Inter-Integrated Circuit (I2C)
....................... 196
4.4
Configurations at Reset
............................. 64
7.18
Audio Serial Port (ASP)
............................ 200
4.5
Configurations After Reset
.......................... 68
7.19
Ethernet Media Access Controller (EMAC)
........ 204
4.6
Emulation Control
................................... 80
7.20
Management Data Input/Output (MDIO)
........... 211
5
System Interconnect
................................... 83
7.21
Timer
............................................... 213
5.1
System Interconnect Block Diagram
................ 84
7.22
Pulse Width Modulator (PWM)
..................... 215
6
Device Operating Conditions
........................ 85
7.23
VLYNQ
............................................. 217
6.1
Absolute Maximum Ratings Over Operating Case
7.24
Memory Stick/Memory Stick PRO
................. 221
Temperature Range
7.25
Host-Port Interface (HPI)
........................... 224
(Unless Otherwise Noted)
.......................... 85
7.26
IEEE 1149.1 JTAG
................................ 226
6.2
Recommended Operating Conditions
............... 86
8
Mechanical Packaging and Orderable
6.3
Electrical Characteristics Over Recommended
Information
............................................. 229
Ranges of Supply Voltage and Operating Case
Temperature (Unless Otherwise Noted)
............ 87
8.1
Thermal Data for ZWT
............................. 229
7
Peripheral and Electrical Specifications
........... 88
8.1.1
Packaging Information
............................. 229
7.1
Parameter Information
.............................. 88
Contents
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com