Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6441 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6441
Description  Digital Media System-on-Chip
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6441 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM6441 Datasheet HTML 1Page - Texas Instruments TMS320DM6441 Datasheet HTML 2Page - Texas Instruments TMS320DM6441 Datasheet HTML 3Page - Texas Instruments TMS320DM6441 Datasheet HTML 4Page - Texas Instruments TMS320DM6441 Datasheet HTML 5Page - Texas Instruments TMS320DM6441 Datasheet HTML 6Page - Texas Instruments TMS320DM6441 Datasheet HTML 7Page - Texas Instruments TMS320DM6441 Datasheet HTML 8Page - Texas Instruments TMS320DM6441 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 232 page
background image
1
Digital Media System-on-Chip (DMSoC)
1.1 Features
TMS320DM6441
Digital Media System-on-Chip
www.ti.com
SPRS359D – SEPTEMBER 2006 – REVISED MARCH 2008
(Flexible RAM/Cache Allocation)
• High-Performance Digital Media SoC
• ARM926EJ-S Core
–
C64x+™ DSP Clock Rate
–
Support for 32-Bit and 16-Bit (Thumb Mode)
• 405-MHz (Max) at 1.05 V or 513-MHz
Instruction Sets
(Max) at 1.2 V
–
DSP Instruction Extensions and Single
–
ARM926EJ-S™ Clock Rate
Cycle MAC
• 202.5-MHz (Max) at 1.05 V or 256-MHz
–
ARM Jazelle Technology
(Max) at 1.2 V
–
Embedded ICE-RT™ Logic for Real-Time
–
Eight 32-Bit C64x+ Instructions/Cycle
Debug
–
4752 C64x+ MIPS
• ARM9 Memory Architecture
–
Fully Software-Compatible With C64x /
–
16K-Byte Instruction Cache
ARM9™
–
8K-Byte Data Cache
• Advanced Very-Long-Instruction-Word (VLIW)
–
16K-Byte RAM
TMS320C64x+™ DSP Core
–
8K-Byte ROM
–
Eight Highly Independent Functional Units
• Six ALUs (32-/40-Bit), Each Supports
• Embedded Trace Buffer™ (ETB11™) With 4KB
Single 32-Bit, Dual 16-Bit, or Quad 8-Bit
Memory for ARM9 Debug
Arithmetic per Clock Cycle
• Endianness: Little Endian for ARM and DSP
• Two Multipliers Support Four 16 x 16-Bit
• Video Processing Subsystem
Multiplies (32-Bit Results) per Clock
–
Front End Provides:
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
• CCD and CMOS Imager Interface
Results) per Clock Cycle
• BT.601/BT.656 Digital YCbCr 4:2:2
–
Load-Store Architecture With Non-Aligned
(8-/16-Bit) Interface
Support
• Preview Engine for Real-Time Image
–
64 32-Bit General-Purpose Registers
Processing
–
Instruction Packing Reduces Code Size
• Glueless Interface to Common Video
–
All Instructions Conditional
Decoders
–
Additional C64x+™ Enhancements
• Histogram Module
• Protected Mode Operation
• Auto-Exposure, Auto-White Balance,
• Exceptions Support for Error Detection
and Auto-Focus Module
and Program Redirection
• Resize Engine
• Hardware Support for Modulo Loop
–
Resize Images From 1/4x to 4x
Operation
–
Separate Horizontal/Vertical Control
• C64x+ Instruction Set Features
• Video Processing Subsystem (Continued)
–
Byte-Addressable (8-/16-/32-/64-Bit Data)
–
Back End Provides:
–
8-Bit Overflow Protection
• Hardware On-Screen Display (OSD)
–
Bit-Field Extract, Set, Clear
• Four 54-MHz DACs for a Combination of
–
Normalization, Saturation, Bit-Counting
–
Composite NTSC/PAL Video
–
Compact 16-Bit Instructions
–
Luma/Chroma Separate Video
–
Additional Instructions to Support Complex
(S-video)
Multiplies
–
Component (YPbPr or RGB) Video
• C64x+ L1/L2 Memory Architecture
(Progressive)
–
32K-Byte L1P Program RAM/Cache (Direct
• Digital Output
Mapped)
–
8-/16-bit YUV or up to 24-Bit RGB
–
80K-Byte L1D Data RAM/Cache (2-Way
–
HD Resolution
Set-Associative)
–
Up to Two Video Windows
–
64K-Byte L2 Unified Mapped RAM/Cache
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320DM6441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI-TMS320DM6441 Datasheet
1Mb / 229P
Digital Media System-on-Chip
TMS320DM6441 TI-TMS320DM6441 Datasheet
1Mb / 232P
Digital Media System-on-Chip
TMS320DM6441 TI-TMS320DM6441 Datasheet
1Mb / 232P
Digital Media System-on-Chip
TMS320DM6441 TI1-TMS320DM6441 Datasheet
1Mb / 236P
Digital Media System-on-Chip
TMS320DM6441 TI1-TMS320DM6441 Datasheet
1Mb / 236P
Digital Media System-on-Chip
More results

Similar Description - TMS320DM6441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
Digital Media System-on-Chip
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com