Electronic Components Datasheet Search
  English  ▼

X  

TMS37157 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS37157
Description  PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS37157 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS37157 Datasheet HTML 35Page - Texas Instruments TMS37157 Datasheet HTML 36Page - Texas Instruments TMS37157 Datasheet HTML 37Page - Texas Instruments TMS37157 Datasheet HTML 38Page - Texas Instruments TMS37157 Datasheet HTML 39Page - Texas Instruments TMS37157 Datasheet HTML 40Page - Texas Instruments TMS37157 Datasheet HTML 41Page - Texas Instruments TMS37157 Datasheet HTML 42Page - Texas Instruments TMS37157 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
0
0
1
1
LSB
MSB
0
1
1
1
1
0
0
1
0
0
0
1
3
7
9
1
TMS37157
www.ti.com
SWRS083A – SEPTEMBER 2009 – REVISED NOVEMBER 2009
Modulation Frequency Check
During LF transmissions a FSK signal is transmitted. The resonance frequency of the trimmed antenna circuit
(fL) represents a low bit and high bits are represented by a lower frequency (fH), which is achieved by switching
in a Modulation Capacitor in parallel with the antenna resonance circuit. This frequency can be measured in the
same way as the normal resonance frequency, but using Probe Test Mode 0x16 instead of 0x18.
CRC Calculation
A Cyclic Redundancy Check (CRC) generator is used in the TMS37157 during receipt and transmission of data
to generate a 16-Bit Block Check Character (BCC), applying the CRC-CCITT algorithm as shown in Figure 51.
The CRC generator consists of 16 shift register cells with 3 exclusive OR (Xor) Gates. The first Xor gate (X16)
combines the input of the CRC generator with the output of the shift register (LSB first) and feeds back to the
input of the shift register. The other two Xor gates combine certain cell outputs (X12, X5) with the output of the
first Xor Gate and feed into the next cell input.
The CRC Generator is initialized with the value 0x3791 as shown in Figure 50).
Figure 50. Initial CRC Value 0x3791
Figure 51. CRC Generator Block Schematic
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TMS37157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com