Electronic Components Datasheet Search
  English  ▼

X  

TMS37157 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS37157
Description  PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS37157 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS37157 Datasheet HTML 3Page - Texas Instruments TMS37157 Datasheet HTML 4Page - Texas Instruments TMS37157 Datasheet HTML 5Page - Texas Instruments TMS37157 Datasheet HTML 6Page - Texas Instruments TMS37157 Datasheet HTML 7Page - Texas Instruments TMS37157 Datasheet HTML 8Page - Texas Instruments TMS37157 Datasheet HTML 9Page - Texas Instruments TMS37157 Datasheet HTML 10Page - Texas Instruments TMS37157 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
I
TMS37157
www.ti.com
SWRS083A – SEPTEMBER 2009 – REVISED NOVEMBER 2009
READER TIMINGS USING PPM
PARAMETER
MIN
TYP
MAX
UNIT
PPM - Pulse Position Modulation
toff
Off time (PPM)(1)
170
μs
tonL
Low bit on time (PPM)(1)
230
μs
tbitL
Low bit duration (PPM)(1)
400
μs
tonH
High bit on time (1)
350
μs
tbitH
High bit duration (PPM)(1)
520
1730
μs
(1)
Timing recommendation is only valid for a Reader Operating Quality Factor QTX = QRX
≤ 10.
ANTENNA CURRENTS FOR EQUIVALENT FIELD STRENGTH LEVELS
PARAMETER
MIN
TYP
MAX
UNIT
Ishort
(1)
Equivalent current for operation (True RMS)
Iprog
4.3
mA
(1)
The circuit below is used to determine equivalent short circuit current at the position of the TMS37157 transponder coil.
The measured value must be equal or above the specified value in the table above. The operating Q factor Qop depends on used
components (L, C) and the application environment.
PARAMETER
Ishort
Ishort
UNIT
Tcharge = 20 ms
Tcharge = 25 ms
Equivalent for programming activation
Qop
≥ 60
Iprog
0.32
0.23
mA
field strength
–40 to 85 °C
Equivalent for programming activation
Qop
≥ 30
Iprog
0.64
0.46
mA
field strength
–40 to 85 °C
Figure 2. Short Circuit Current
RECOMMENDED EXTERNAL COMPONENTS
ANTENNA
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
LR
Inductance of antenna
25°C CR = 470 pF, ±2% f= 134.2
2.586
2.66
2.734
mH
(dLR = ± 2.8%)
kHz
dLR/LRdT
Temperature coefficient of LR
–40 to 85°C
250
ppm/K
QLR (1)
Quality factor of LR
25°C* Qop > 30(2) (1)
60
(1)
Qop is Q factor measured when device is assembled on PCB.
(2)
Due to tester limitations currently only the value given in brackets can be guaranteed.
RESONANCE CIRCUIT CAPACITOR
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
CR
Resonance capacitor
LR = 2.66 mH ± 2.8%
460.6
470
479.4
pF
Dielectric
dLR/LRdt
≤ 250 ppm(1)
NP0
QCR
Quality factor
2000
RF
Operating voltage
20
50
Vpp
(1)
This type is recommended, if no temperature compensation is required for LR
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TMS37157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com