Electronic Components Datasheet Search
  English  ▼

X  

TMS37157 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMS37157
Description  PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS37157 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS37157 Datasheet HTML 25Page - Texas Instruments TMS37157 Datasheet HTML 26Page - Texas Instruments TMS37157 Datasheet HTML 27Page - Texas Instruments TMS37157 Datasheet HTML 28Page - Texas Instruments TMS37157 Datasheet HTML 29Page - Texas Instruments TMS37157 Datasheet HTML 30Page - Texas Instruments TMS37157 Datasheet HTML 31Page - Texas Instruments TMS37157 Datasheet HTML 32Page - Texas Instruments TMS37157 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
C
C
X
MSB
LSB
CC=00:
Transponder AccessCommand(TAC)
CC=01:
n.a.
CC=10:
EnhancedCommands(EC)
CC=11:
ReservedCommands(RC)
X:Don’tcare
X
X
X
X
X
TMS37157
www.ti.com
SWRS083A – SEPTEMBER 2009 – REVISED NOVEMBER 2009
If an error occurs during SPI communication, the BUSY line remains at the level it was when the error occurred.
The following three types of error are possible:
Error 1:
The TMS37157 stops communication via its SPI interface and indicates this by taking BUSY low. The microcontroller
has not finished, but BUSY remains low.
Error 2:
The TMS37157 is ready to continue communication via its SPI interface and indicates this by taking BUSY high. The
microcontroller has finished, however, and expects BUSY to remain low. After max. 50ms = tBusyhigh an internal
watchdog shuts down the whole TMS73157 IC.
Error 3:
If the TMS37157 receives an invalid command it performs a power down command. This command results in a shut
down of the whole TMS37157 IC.
SPI Protocol Structure
The first 8 bits sent by the microcontroller contain telegram length information (LEN), which defines the number
of following bytes to be transferred via the SIMO line. It is the number of bytes excluding the LEN-byte.
The second 8 bits sent by the microcontroller contain the Command byte (CMD). The first (most significant) two
bits of the Command byte determine which of the four different types the command is, and the six least
significant bits contain various flags associated with the command (see Figure 21).
Three types of command are available:
•
Transponder Access Command (TAC)
•
Enhanced Command (EC)
•
Reserved Command (RC) – for future use.
Figure 21. SPI Command Byte Overview
NOTE
All SPI bits that are either not used or are marked with an "X" are reserved for future
use and must be "0".
Transponder Access Commands
The microcontroller can access the contents of the Transponder Memory by sending the TMS37157 a
Transponder Access Command via the SIMO line.
The two most significant bits of the Command byte determine the Transponder Access Command and the six
least significant bits are don’t care. If the contents of the Command byte are invalid for the device configuration,
an error condition will be indicated via the BUSY line.
This command is followed by the same Write Address used in LF data transmissions and, if necessary, is
followed by further data bytes (e.g. Selective Address, Data). The TMS37157 responds by transferring the
relevant transponder data to the microcontroller via the SOMI line (see Figure 20.)
In all cases, responses to Transponder Access Commands are sent without the 16-bit preamble, start byte and
BCC that are normally used in LF data transmissions.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TMS37157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com