Electronic Components Datasheet Search
  English  ▼

X  

TMS37157 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS37157
Description  PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS37157 Datasheet(HTML) 1 Page - Texas Instruments

  TMS37157 Datasheet HTML 1Page - Texas Instruments TMS37157 Datasheet HTML 2Page - Texas Instruments TMS37157 Datasheet HTML 3Page - Texas Instruments TMS37157 Datasheet HTML 4Page - Texas Instruments TMS37157 Datasheet HTML 5Page - Texas Instruments TMS37157 Datasheet HTML 6Page - Texas Instruments TMS37157 Datasheet HTML 7Page - Texas Instruments TMS37157 Datasheet HTML 8Page - Texas Instruments TMS37157 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
TMS37157
www.ti.com
SWRS083A – SEPTEMBER 2009 – REVISED NOVEMBER 2009
PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM
AND 134.2 kHz TRANSPONDER INTERFACE
Check for Samples: TMS37157
1
FEATURES
APPLICATIONS
•
Wireless Batteryless Sensor Interface using
•
Wide Supply Voltage Range 2 V to 3.6 V
Energy Harvesting
•
Ultra Low Power Consumption
–
Microcontroller and Sensor can be
–
Active Mode Max. 150
μA
Powered Through the LF Link
–
Power Down Mode 60 nA
–
Data is Directly Transmitted Over the LF
•
121 Free Bytes User Memory
Link From the Base Station via the
TMS37157 to the Micrcontroller and Vice
•
Low Frequency Halb Duplex (HDX) Interface
Versa.
–
HDX Transponder Communication
•
Batteryless Configuration Memory
Achieving Maximum Perfomance and
–
Memory can be Written Without Battery
Highest Noise Immunity
Support
–
Special Selective Addressing Mode Allows
–
Microcontroller can Read the Content of the
Anti Collision
Memory When It Gets Connected to a
–
Up to 8 kbit/s LF Uplink Data Rate
Battery and Use It for Configuration
–
126 Byte EEPROM:
–
Microcontroller can Write the Memory,
Which can be Read Out Later Through the
–
121 Bytes Free Available EEPROM User
LF Link
Memory
•
Ultra Low Power Data Logger Memory (Smart
–
32 Bit Unique Serial Number
Metering)
–
8 Bit Selective Address
–
Memory Can Be Written By a
–
High EEPROM Flexibility
Microcontroller
–
Pages are Irreversible Lockable and
–
Memory Can Be Read Through LF Interface
Protectable
Without Battery Support
–
Battery Check and Battery Charge Function
•
Multi Purpose LF Interface to a Microcontroller
–
Short Range RF Interface to a
–
Resonance Frequency: 134.2 kHz
Microcontroller Where Other Frequencies
–
Integrated Resonance Frequency Trimming
are Not an Option
–
Downlink – Amplitude Shift Keying
–
Ultra Low Power Mode can Result in an
–
Uplink – Frequency Shift Keying
Overall Power Consumption of 60 nA
•
3 Wire SPI Interface for Accessing the
•
Remote Control Application
EEPROM and Exchanging Data With the
–
Combination With an UHF Transmitter or IR
Microcontroller Through the LF Interface
Transmitter and a
μC
•
0.6mm Pitch, 4mm x 4mm VQFN Package
–
Power Management of the TMS37157 can
Power Down the Microcontroller
–
The Push Button Detection Circuit can
Power Up a Microcontroller
•
Stand Alone LF-Transponder with Memory
–
RFID Transponder with Unique ID and 121
Bytes Free Programmable EEPROM User
Memory
–
Only Few Additional Components Needed
–
No Battery Required
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS37157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS37157 TI-TMS37157 Datasheet
1Mb / 47P
PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
TMS37157IRSARG4 TI-TMS37157IRSARG4 Datasheet
1Mb / 47P
PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
TMS37157 TI-TMS37157_11 Datasheet
1Mb / 47P
PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
More results

Similar Description - TMS37157

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCRF202 MICROCHIP-MCRF202 Datasheet
340Kb / 20P
125 kHz Passive RFID Device with Sensor Input
2003
logo
ATMEL Corporation
U3280M ATMEL-U3280M Datasheet
275Kb / 18P
TRANSPONDER INTERFACE FOR MICROCONTROLLER
U9280M-H ATMEL-U9280M-H Datasheet
417Kb / 23P
MICROCONTROLER WITH TRANSPONDER INTERFACE
U3280M ATMEL-U3280M_07 Datasheet
349Kb / 21P
Transponder Interface for Microcontroller
U9280M-H ATMEL-U9280M-H_05 Datasheet
444Kb / 24P
Microcontroller with Transponder Interface
logo
Texas Instruments
TMS37157 TI-TMS37157_11 Datasheet
1Mb / 47P
PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
TMS37F158 TI1-TMS37F158 Datasheet
176Kb / 8P
CONTROLLER ENTRY DEVICE WITH INTEGRATED DST80 AUTHENTICATION, EEPROM, AND LF IMMOBILIZER INTERFACE
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
DYNAMIC NFC INTERFACE TRANSPONDER
RF430CL330H TI1-RF430CL330H_14 Datasheet
906Kb / 47P
Dynamic NFC Interface Transponder
logo
ATMEL Corporation
U3280M ATMEL-U3280M_11 Datasheet
1Mb / 19P
Transponder Interface for Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com