Electronic Components Datasheet Search
  English  ▼

X  

TMS37157 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS37157
Description  PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS37157 Datasheet(HTML) 2 Page - Texas Instruments

  TMS37157 Datasheet HTML 1Page - Texas Instruments TMS37157 Datasheet HTML 2Page - Texas Instruments TMS37157 Datasheet HTML 3Page - Texas Instruments TMS37157 Datasheet HTML 4Page - Texas Instruments TMS37157 Datasheet HTML 5Page - Texas Instruments TMS37157 Datasheet HTML 6Page - Texas Instruments TMS37157 Datasheet HTML 7Page - Texas Instruments TMS37157 Datasheet HTML 8Page - Texas Instruments TMS37157 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
LF Reader
134,2 kHz
TMS37157
Microcontroller
LF DATA
ENERGY
Base Station
Sensor System
Digital or Analog
Sensor
TMS37157
SWRS083A – SEPTEMBER 2009 – REVISED NOVEMBER 2009
www.ti.com
DESCRIPTION/ORDERING INFORMATION
The TMS37157 combines a Low Frequency Transponder Interface with an SPI Interface and Power
Management for a connected microcontroller. It is the ideal device for any Configuration, Data Logger-, Sensor-
or Remote Control Application. The Transponder memory is accessible through SPI and LF and, in the second
case, operates without the need for a battery. The use of the Low Frequency Band ensures a communication in
a defined direction and harsh environments.
The TMS37157 manages the Transponder communication and push button interaction. During sleep state the
devices enters a special low power mode with only 60 nA current consumption.
The EEPROM memory is accessible over the LF interface without support from the battery or through SPI by a
microcontroller if a battery is connected. The TMS37157 offers a special battery charge mode.
The external resonance circuit with a LF coil and a resonance capacitor can be trimmed to the correct resonance
frequency with the integrated trimming capability achieving an easy way to eliminate part tolerances.
The small RSA 16-pin package together with only a few external components results in a cost efficient design.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TMS37157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com