Electronic Components Datasheet Search
  English  ▼

X  

TMS37157 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMS37157
Description  PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS37157 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS37157 Datasheet HTML 13Page - Texas Instruments TMS37157 Datasheet HTML 14Page - Texas Instruments TMS37157 Datasheet HTML 15Page - Texas Instruments TMS37157 Datasheet HTML 16Page - Texas Instruments TMS37157 Datasheet HTML 17Page - Texas Instruments TMS37157 Datasheet HTML 18Page - Texas Instruments TMS37157 Datasheet HTML 19Page - Texas Instruments TMS37157 Datasheet HTML 20Page - Texas Instruments TMS37157 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
TMS37157
www.ti.com
SWRS083A – SEPTEMBER 2009 – REVISED NOVEMBER 2009
TMS37157 COMMANDS
This chapter describes the commands and data that can be transferred to and from the TMS37157 via its contact
less LF interface, SPI and Test interfaces.
When communicating with the transponder following naming conventions are used:
•
Data Transmission from the base station to the transponder is called “write” and “write data are transferred”.
•
Data Transmission from the transponder to the base station is called “read” and “read data re transferred”.
This is applied independently from the command that is executes whether it is a read, write, program or
authentication function.
Write Formats
In order to send commands to the TMS37157 LF interface, the user sends a Write Address byte comprising a
2-bit Command field and a 6-bit Page field. The Command field, which is transmitted first, determines the
function to be executed and whether command comprises additional data bytes that must also be sent. The Page
field specifies the target of the command.
Table 1 shows which additional data bytes must be included with each command type. The elements for each
command are sent from left to the right of this table.
Table 1. Data Bytes for different command types
WRITE ADDRESS
SELECTIVE
FUNCTION
WRITE DATA
FRAME BCC
ADDRESS
COMMAND FIELD
PAGE FIELD
MSB LSB
General read page, battery
00
X
check
Selective read page
11
X
X
X
Program page; MSP access
01
X
X(1)
X
Selective program page
01
X
X
X(1)
X
Lock page
10
X
X
Selective lock page
10
X
X
X
Protect page
11
X
X
Selective protect page
11
X
X
X
(1)
Length of Wrtite Data is 5 bytes for a program page command and 6 bytes for an MSP Access command.
The summary for the available write address via the LF interface are shown in Table 2. It shows the valid
Command and Page field combinations supported by the TMS37157.
Table 2. Valid Command and Page Field Combinations (Command)
WRITE ADDRESS
LSB
MSB
C C
P P P P P P
|
|
COMMAND
PAGE FIELD
FIELD
HEX
MSB LSB
MSB LSB
VALUE
Page 1
000001
00
04h
General Read Page 1
000001
01
05h
Program/Selective Program Page 1
000001
10
06h
Lock/Selective Lock Page 1
000001
11
07h
Selective Read Page 1
Page 2
000010
00
08h
General Read Page 2
000010
01
09h
Program/Selective Program Page 2
000010
10
0Ah
Lock/Selective Lock Page 2
000010
11
0Bh
Selective Read Page 2
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TMS37157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com