Electronic Components Datasheet Search
  English  ▼

X  

TMS37157 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMS37157
Description  PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS37157 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS37157 Datasheet HTML 24Page - Texas Instruments TMS37157 Datasheet HTML 25Page - Texas Instruments TMS37157 Datasheet HTML 26Page - Texas Instruments TMS37157 Datasheet HTML 27Page - Texas Instruments TMS37157 Datasheet HTML 28Page - Texas Instruments TMS37157 Datasheet HTML 29Page - Texas Instruments TMS37157 Datasheet HTML 30Page - Texas Instruments TMS37157 Datasheet HTML 31Page - Texas Instruments TMS37157 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
WRITE
AD DRESS
CHARGE
Charge…..
00
010110
Page 26
LSB
MSB
CLK
LEN
SIMO
CMD
DATA
SOMI
DATA
DATA
BUSY
OK
TMS37157
SWRS083A – SEPTEMBER 2009 – REVISED NOVEMBER 2009
www.ti.com
Write Data Format
The write data format of the Battery Charge Command is shown in Figure 19.
Figure 19. Battery Charge Write Command
SPI COMMANDS
The serial interface for communication between a Microcontroller and the TMS37157 is a synchronous SPI
interface which uses clock and data lines to transfer data in bytes. The Microcontroller can use its on-chip
hardware USART to implement this interface protocol, which allows efficient Microcontroller operation and
simplifies software development. The USART should be used in synchronous SPI (Serial Peripheral Interface)
mode, with the Microcontroller designated as the master for all bi-directional communications.
The TMS37157 uses a 3 wire SPI Communication Interface (SIMO, SOMI, CLK). No Enable is necessary. For
Synchronization the BUSY Output of the TMS37157 can be used.
SPI Communication Structure
SPI communications can only be initiated by the Microcontroller if the TMS37157 is ready to receive. This is
indicated by a low level on the BUSY line – when the first byte is received via the SIMO line, BUSY goes high. A
short BUSY low pulse confirms that a byte has been correctly received. After this low pulse, the next byte of the
protocol can be sent. If the SPI command requires it, the TMS37157 will then send byte-wise response data via
the SOMI line. Each byte sent by the TMS37157 will be confirmed by a short BUSY low pulse. After successful
communication, the BUSY line will go from high to low after the last transferred byte and remain low (see
Figure 20).
Figure 20. SPI Communication
The initial rising of the busy line happens latest after the 3rd rising edge of the SPI Clock. This indicates that the
Front End starts to process the incoming data. It remains high until the Front End is ready with processing of the
8-bit data. After this a low busy pulse (min 30
μs, typ.50 μs, max. 70 μs) indicates to the Microcontroller that the
next data can be sent.
The time the busy line stays high varies depending on the operations the Front End has to perform. The
maximum duration is 30ms after all bytes on the SIMO are received. Sending out data on SOMI line depends
mainly on the speed of the SPI-Clock. The next SPI Data must be sent within tBusyhigh=10ms. If the next data is
not applied within tBusyhigh the SPI command is interrupted.
28
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TMS37157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com