Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210 Datasheet(PDF) 34 Page - Texas Instruments

Part # TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 30Page - Texas Instruments TUSB3210 Datasheet HTML 31Page - Texas Instruments TUSB3210 Datasheet HTML 32Page - Texas Instruments TUSB3210 Datasheet HTML 33Page - Texas Instruments TUSB3210 Datasheet HTML 34Page - Texas Instruments TUSB3210 Datasheet HTML 35Page - Texas Instruments TUSB3210 Datasheet HTML 36Page - Texas Instruments TUSB3210 Datasheet HTML 37Page - Texas Instruments TUSB3210 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
www.ti.com
2.10 I
2C Registers
2.10.1 I2CSTA: I
2C Status and Control Register
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
The TUSB3210 only supports a master-slave relationship; therefore, it does not support bus arbitration.
This register is used to control the stop condition for read and write operations. In addition, it provides
transmitter and receiver handshake signals with their respective interrupt enable bits.
7
6
5
4
3
2
1
0
RXF
RIE
ERR
1/4
TXE
TIE
SRD
SWR
R/C
R/W
R/C
R/W
R/C
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
SWR
0
Stop write condition. This bit defines whether the I2C controller generates a stop condition when data from
the I2CDAO register is transmitted to an external device.
SWR = 0
Stop condition is not generated when data from the I2CDAO register is shifted out to an
external device.
SWR = 1
Stop condition is generated when data from the I2CDAO register is shifted out to an external
device.
1
SRD
0
Stop read condition. This bit defines whether the I2C controller generates a stop condition when data is
received and loaded into I2CDAI register.
SRD = 0
Stop condition is not generated when data from SDA line is shifted into the I2CDAI register.
SRD = 1
Stop condition is generated when data from SDA line is shifted into the I2CDAI register.
2
TIE
0
I2C transmitter empty interrupt enable
TIE = 0
Interrupt disabled
TIE = 1
Interrupt enabled
3
TXE
1
I2C transmitter empty. This bit indicates that data can be written to the transmitter. It can be used for
polling or it can generate an interrupt.
TXE = 0
Transmitter is full. This bit is cleared when the MCU writes a byte to the I2CDAO register.
TXE = 1
Transmitter is empty. The I2C controller sets this bit when the content of the I2CDAO register is
copied to the SDA shift register.
4
1/4
0
Bus speed selection
1/4 = 0
100-kHz bus speed
1/4 = 1
400-kHz bus speed
5
ERR
0
Bus error condition. This bit is set by the hardware when the device does not respond. It is cleared by the
MCU.
ERR = 0
No bus error
ERR = 1
Bus error condition has been detected. Clears when the MCU writes a 1. Writing a 0 has no
effect.
6
RIE
0
I2C receiver ready interrupt enable
RIE = 0
Interrupt disabled
RIE = 1
Interrupt enabled
7
RXF
0
I2C receiver full. This bit indicates that the receiver contains new data. It can be used for polling or it can
generate an interrupt.
RXF = 0
Receiver is empty. This bit is cleared when the MCU reads the I2CDAI register.
RXF = 1
Receiver contains new data. This bit is set by the I2C controller when the received serial data
has been loaded into the I2CDAI register.
Functional Description
34
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com