Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210 Datasheet(PDF) 31 Page - Texas Instruments

Part # TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 27Page - Texas Instruments TUSB3210 Datasheet HTML 28Page - Texas Instruments TUSB3210 Datasheet HTML 29Page - Texas Instruments TUSB3210 Datasheet HTML 30Page - Texas Instruments TUSB3210 Datasheet HTML 31Page - Texas Instruments TUSB3210 Datasheet HTML 32Page - Texas Instruments TUSB3210 Datasheet HTML 33Page - Texas Instruments TUSB3210 Datasheet HTML 34Page - Texas Instruments TUSB3210 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
www.ti.com
2.9.1
8052 Standard Interrupt Enable Register
2.9.2
Additional Interrupt Sources
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
Table 2-7. 8052 Interrupt Location Map (continued)
INTERRUPT
DESCRIPTION
START
COMMENTS
SOURCE
ADDRESS
ES
UART interrupt
0023h
ET1
Timer-1 interrupt
001Bh
EX1
Internal INT1 or INT1
0013h
Used for P2[7:0] interrupt
ET0
Timer-0 interrupt
000Bh
INT0
Internal INT0
0003h
Used for all internal peripherals
Reset
0000h
7
6
5
4
3
2
1
0
EA
RSV
ET2
ES
ET1
EX1
ET0
INT0
R/W
R/O
R/O
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
INT0
0
Enable or disable interrupt-0
INT0 = 0
Interrupt-0 is disabled.
INT0 = 1
Interrupt-0 is enabled.
1
ET0
0
Enable or disable timer-0 interrupt
ET0 = 0
Timer-0 interrupt is disabled.
ET0 = 1
Timer-0 interrupt is enabled.
2
EX1
0
Enable or disable interrupt-1
EX1 = 0
Interrupt-1 is disabled.
EX1 = 1
Interrupt-1 is enabled.
3
ET1
0
Enable or disable timer-1 interrupt
ET1 = 0
Timer-1 interrupt is disabled.
ET1 = 1
Timer-1 interrupt is enabled.
4
ES
0
Enable or disable serial port interrupts
ES = 0
Serial port interrupt is disabled.
ES = 1
Serial port interrupt is enabled.
5
ET2
0
Enable or disable timer-2 interrupt
ET1 = 0
Timer-2 interrupt is disabled.
ET1 = 1
Timer-2 interrupt is enabled.
6
RSV
0
Reserved
7
EA
0
Enable or disable all interrupts (global disable)
EA = 0
Disable all interrupts.
EA = 1
Each interrupt source is individually controlled.
All nonstandard 8052 interrupts (USB, I2C, etc.) are connected as an OR to generate an internal INT0. It
must be noted that the external INT0 and INT1 are not used. Furthermore, INT0 must be programmed as
an active-low level interrupt (not edge-triggered). A vector interrupt register is provided to identify all
interrupt sources (see vector interrupt register definition, Section 2.9.3). Up to 64 interrupt vectors are
provided. It is the responsibility of the MCU to read the vector and dispatch the proper interrupt routine.
Submit Documentation Feedback
Functional Description
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com