Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210 Datasheet(PDF) 30 Page - Texas Instruments

Part # TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 26Page - Texas Instruments TUSB3210 Datasheet HTML 27Page - Texas Instruments TUSB3210 Datasheet HTML 28Page - Texas Instruments TUSB3210 Datasheet HTML 29Page - Texas Instruments TUSB3210 Datasheet HTML 30Page - Texas Instruments TUSB3210 Datasheet HTML 31Page - Texas Instruments TUSB3210 Datasheet HTML 32Page - Texas Instruments TUSB3210 Datasheet HTML 33Page - Texas Instruments TUSB3210 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
www.ti.com
WDT Reset
WDE
PURS
USBCTL Register
MCNFG Register
USB Function Reset
FRSTE
RESET
MCU
All Internal MMR
RST
USBR
2.8
Pullup Resistor Connect/Disconnect
D+
TUSB3210
DM0
DP0
CMOS
CONT-Bit
PUR
1.5 k
Ω
15 k
Ω
15 k
Ω
HUB
D-
TUSB2036A
2.9
8052 Interrupt and Status Registers
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
Figure 2-2. Reset Diagram
After reading firmware into RAM, the TUSB3210 can re-enumerate using the new firmware (no need to
physically disconnect and re-connect the cable). Figure 2-3 shows an equivalent circuit implementation for
Connect and Disconnect from a USB upstream port (also see Figure 4-3b). When the CONT bit in the
USBCTL register is 1, the CMOS driver sources VDD to the pullup resistor (PUR pin) presenting a normal
connect condition to the USB hub (high speed). When the CONT bit is 0, the PUR pin is driven low. In this
state, the 1.5-k
Ω resistor is connected to GND, resulting in device disconnection state. The PUR driver is
a CMOS driver that can provide VDD – 0.1 V minimum at 8 mA of source current.
Figure 2-3. Pullup Resistor Connect/Disconnect Circuit
All seven 8052-standard interrupt sources are preserved. SIE is the standard interrupt enable register,
which controls the seven interrupt sources. All the additional interrupt sources are connected together as
an OR to generate INT0. The INT0 signal is provided to interrupt the MCU (see interrupt connection
diagram, Figure 2-4).
Table 2-7. 8052 Interrupt Location Map
INTERRUPT
DESCRIPTION
START
COMMENTS
SOURCE
ADDRESS
ET2
Timer-2 interrupt
002Bh
Functional Description
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com