Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210 Datasheet(PDF) 36 Page - Texas Instruments

Part # TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 32Page - Texas Instruments TUSB3210 Datasheet HTML 33Page - Texas Instruments TUSB3210 Datasheet HTML 34Page - Texas Instruments TUSB3210 Datasheet HTML 35Page - Texas Instruments TUSB3210 Datasheet HTML 36Page - Texas Instruments TUSB3210 Datasheet HTML 37Page - Texas Instruments TUSB3210 Datasheet HTML 38Page - Texas Instruments TUSB3210 Datasheet HTML 39Page - Texas Instruments TUSB3210 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
www.ti.com
2.11.2 Current Address Read Operation
2.11.3 Sequential Read Operation
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
SDA).
7. The content of the I2CDAO register is transmitted to the EEPROM (EEPROM address).
8. The TXE bit in I2CSTA is set, and interrupts the MCU, indicating that the I2CDAO register has been
transmitted.
9. No stop condition is generated.
EEPROM [Low Byte]
1. The MCU writes the low byte of the EEPROM address into the I2CDAO register.
2. The TXE bit in I2CSTA is cleared, indicating busy.
3. The content of the I2CDAO register is transmitted to the device (EEPROM address).
4. The TXE bit in I2CSTA is set, and interrupts the MCU, indicating that the I2CDAO register has been
transmitted.
5. This completes the dummy write operation. At this point, the EEPROM address is set and the MCU
can do a single or a sequential read operation.
Once the EEPROM address is set, the MCU can read a single byte by executing the following steps:
1. The MCU sets I2CSTA[SRD] = 1, forcing the I2C controller to generate a stop condition after the
I2CDAI register is received.
2. The MCU writes the device address (R/W bit = 1) to the I2CADR register (read operation).
3. The MCU writes a dummy byte to the I2CDAO register, starting the transfer on the SDA line.
4. The RXF bit in I2CSTA is cleared.
5. The content of the I2CADR register is transmitted to the device, preceded by a start condition on SDA.
6. Data from the EEPROM is latched into the I2CDAI register (stop condition is transmitted).
7. The RXF bit in I2CSTA is set, and interrupts the MCU, indicating that the data is available.
8. The MCU reads the I2CDAI register. This clears the RXF bit (I2CSTA[RXF] = 0).
Once the EEPROM address is set, the MCU can execute a sequential read operation by executing the
following steps (Note: this example illustrates a 32-byte sequential read):
1. Device Address
a.
The MCU sets I2CSTA[SRD] = 0. This prevents the I2C controller from generating a stop condition
after the I2CDAI register is received.
b.
The MCU writes the device address (R/W bit = 1) to the I2CADR register (read operation).
c.
The MCU writes a dummy byte to the I2CDAO register, starting the transfer on the SDA line.
d.
The RXF bit in I2CSTA is cleared.
e.
The content of the I2CADR register is transmitted to the device (preceded by a start condition on
SDA).
2. N-Byte Read (31 bytes)
a.
Data from the device is latched into the I2CDAI register (stop condition is not transmitted).
b.
The RXF bit in I2CSTA is set and interrupts the MCU, indicating that data is available.
c.
The MCU reads the I2CDAI register, clearing the RXF bit (I2CSTA[RXF] = 0).
d.
This operation repeats 31 times.
3. Last-Byte Read (byte no. 32)
a.
The MCU sets I2CSTA[SRD] = 1. This forces the I2C controller to generate a stop condition after
the I2CDAI register is received.
b.
Data from the device is latched into the I2CDAI register (stop condition is transmitted).
c.
The RXF bit in I2CSTA is set and interrupts the MCU, indicating that data is available.
Functional Description
36
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com