Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210 Datasheet(PDF) 15 Page - Texas Instruments

Part # TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 11Page - Texas Instruments TUSB3210 Datasheet HTML 12Page - Texas Instruments TUSB3210 Datasheet HTML 13Page - Texas Instruments TUSB3210 Datasheet HTML 14Page - Texas Instruments TUSB3210 Datasheet HTML 15Page - Texas Instruments TUSB3210 Datasheet HTML 16Page - Texas Instruments TUSB3210 Datasheet HTML 17Page - Texas Instruments TUSB3210 Datasheet HTML 18Page - Texas Instruments TUSB3210 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
www.ti.com
2.2.6
PCON: Power Control Register (at SFR 87h)
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
7
6
5
4
3
2
1
0
WDE
WDR
RSV
RSV
RSV
RSV
RSV
WDT
R/W
R/W
R/O
R/O
R/O
R/O
R/O
W/O
BIT
NAME
RESET
FUNCTION
0
WDT
0
The MCU must write a 1 to this bit to prevent the WDT from resetting the MCU. If the MCU does not write a 1
in a period of 31 ms, the WDT resets the device. Writing a 0 has no effect on the WDT. (WDT is a 5-bit
counter using a 1-ms CLK.) This bit is read as 0.
5–1
RSV
0
Reserved = 0
6
WDR
0
Watchdog reset indication bit. This bit indicates if the reset occurred due to power-on reset or watchdog timer
reset.
WDR = 0
A power-up or USB reset occurred.
WDR = 1
A watchdog time-out reset occurred. To clear this bit, the MCU must write a 1. Writing a 0 has no
effect.
7
WDE
0
Watchdog timer enable.
WDE = 0
Disabled
WDE = 1
Enabled
7
6
5
4
3
2
1
0
SMOD
RSV
RSV
RSV
GF1
GF0
RSV
IDL
R/W
R/O
R/O
R/O
R/W
R/W
R/O
R/W
BIT
NAME
RESET
FUNCTION
0
IDL
0
MCU idle mode bit. This bit can be set by the MCU and is cleared only by the INT1 interrupt.
IDL = 0
The MCU is not in idle mode. This bit is cleared by the INT1 interrupt logic when INT1 is
asserted for at least 400
μs.
IDL = 1
The MCU is in idle mode and RAM is in low-power mode. The oscillator/APLL is off and the
WDT is suspended. When in suspend mode, only INT1 can be used to exit from idle state
and generate an interrupt. INT1 must be asserted for at least 400
μs for the interrupt to be
recognized.
1
RSV
0
Reserved
3–2
GF[1:0]
00
General-purpose bits. The MCU can write and read them.
6–4
RSV
0
Reserved
7
SMOD
0
Double baud-rate control bit. For more information, see the UART serial interface in the M8052 core
specification.
Submit Documentation Feedback
Functional Description
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com