Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210 Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 8Page - Texas Instruments TUSB3210 Datasheet HTML 9Page - Texas Instruments TUSB3210 Datasheet HTML 10Page - Texas Instruments TUSB3210 Datasheet HTML 11Page - Texas Instruments TUSB3210 Datasheet HTML 12Page - Texas Instruments TUSB3210 Datasheet HTML 13Page - Texas Instruments TUSB3210 Datasheet HTML 14Page - Texas Instruments TUSB3210 Datasheet HTML 15Page - Texas Instruments TUSB3210 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
www.ti.com
2
Functional Description
2.1
MCU Memory Map
0000
Boot Mode (SDW = 0)
CODE
6K Boot ROM
17FF
1FFF
6K Boot ROM
97FF
8000
FD80
FFFF
FF80
8K
RAM
Read/Write
XDATA
MMR
512 Bytes
RAM
8K
Code RAM
Read Only
CODE
Normal Mode (SDW = 1)
6K Boot ROM
XDATA
MMR
512 Bytes
RAM
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
Figure 2-1 illustrates the MCU memory map under boot and normal operation. It must be noted that the
internal 256 bytes of IDATA are not shown because it is assumed to be in the standard 8052 location
(0000 to 00FF). The shaded areas represent the internal ROM/RAM.
When the SDW bit = 0 (boot mode): The 6K ROM is mapped to address 0000–17FF and is duplicated in
location 8000–97FF in code space. The internal 8K RAM is mapped to address range 0000–1FFF in data
space. Buffers, MMR and I/O are mapped to address range (FD80–FFFF) in data space.
When the SDW bit = 1 (normal mode): The 6K ROM is mapped to 8000–97FF in code space. The internal
8K RAM is mapped to address range 0000–1FFF in code space. Buffers, MMR, and I/O are mapped to
address range FD80–FFFF in data space.
Figure 2-1. MCU Memory Map (TUSB3210)
12
Functional Description
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com