Electronic Components Datasheet Search
  English  ▼

X  

RF2460 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RF2460
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RF2460 Datasheet HTML 12Page - RF Micro Devices RF2460 Datasheet HTML 13Page - RF Micro Devices RF2460 Datasheet HTML 14Page - RF Micro Devices RF2460 Datasheet HTML 15Page - RF Micro Devices RF2460 Datasheet HTML 16Page - RF Micro Devices RF2460 Datasheet HTML 17Page - RF Micro Devices RF2460 Datasheet HTML 18Page - RF Micro Devices RF2460 Datasheet HTML 19Page - RF Micro Devices RF2460 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Preliminary
8-48
RF2460
Rev A7 010912
8
Special Instructions (Board loss, taking into consideration description in the schematic)
LNA
VCC1=VCC2=Enable=2.75V; Mix Gain=0.0V
To measure ICC LNA only:
LNA Gain was switched between 0V and 2.75V, and record the delta current.
Mixer
VCC1=VCC2=Enable=Mix Gain=2.75V; LNA Gain=0.0V
To measure ICC Mixer (LNA should be in bypass mode and LO signal should be present):
Total mixer current= ICC1
VCC2 only affects LO current buffer and R6 doesn’t affect the mixer current.
LNA Gain, NoiseFigure and IIP3versusICC -LNA Only
(LNA High Gain)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
ICC (mA)
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
Gain (dB)
NF (dB)
IIP3 (dBm)
Mixer Gain, Noise Figure and IIP3 versus ICC -Mixer
(Mixer High Gain, LO = -7 dBm)
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
ICC (mA)
-15.0
-10.0
-5.0
0.0
5.0
10.0
Gain (dB)
NF (dB)
IIP3 (dBm)
Resistor (R6) versus ICC (mA) - LNA Only
(LNA High Gain)
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
ICC (mA)
Resistor (R3) versus ICC - Mixer
(Mixer High Gain, LO = 2170 @ -7 dBm)
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
ICC (mA)
US-PCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com